Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1176TDWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1176TDWR
Description  Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1176TDWR Datasheet(HTML) 5 Page - Texas Instruments

  ISO1176TDWR Datasheet HTML 1Page - Texas Instruments ISO1176TDWR Datasheet HTML 2Page - Texas Instruments ISO1176TDWR Datasheet HTML 3Page - Texas Instruments ISO1176TDWR Datasheet HTML 4Page - Texas Instruments ISO1176TDWR Datasheet HTML 5Page - Texas Instruments ISO1176TDWR Datasheet HTML 6Page - Texas Instruments ISO1176TDWR Datasheet HTML 7Page - Texas Instruments ISO1176TDWR Datasheet HTML 8Page - Texas Instruments ISO1176TDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ISO1176T
www.ti.com
SLLSE28E
– OCTOBER 2010 – REVISED AUGUST 2011
RS-485 DRIVER SWITCHING CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Prop delay time
23
35
VCC1 = 5V ± 10%,
ns
VCC2 = 5V ± 5%
tsk(p)
Pulse skew (|tPHL – tPLH|)
2
5
tPLH, tPHL
Prop delay time
25
40
VCC1 = 3.3V ± 10%,
See Figure 10
ns
VCC2 = 5V ± 5%
tsk(p)
Pulse skew (|tPHL – tPLH|)
2
5
tr
Differential output signal rise time
2
3
7.5
ns
tf
Differential output signal fall time
2
3
7.5
tpDE
DE to ISODE prop delay
See Figure 14
30
ns
tt(MLH) , tt(MHL)
Output transition skew
See Figure 11
1
ns
tp(AZH), tp(BZH),
Propagation delay, high-impedance-to-active output
80
See Figure 12 and
tp(AZL), tp(BZL)
Figure 13,
ns
tp(AHZ), tp(BHZ),
CL = 50pf, RE at 0 V
Propagation delay, active-to-high-impedance output
80
tp(ALZ), tp(BLZ)
| tp(AZL) – tp(BZH) |
Enable skew time
0.55
1.5
ns
| tp(AZH) – tp(BZL) |
t(CFB)
Time from application of short-circuit to current fold back
See Figure 9
0.5
µs
t(TSD)
Time from application of short-circuit to thermal shutdown See Figure 9, TA = 25°C
100
µs
RECEIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT(+)
Positive-going input threshold voltage
IO = –8mA
–80
-10
See Figure 16
VIT(–)
Negative-going input threshold voltage
IO = 8mA
–200
–120
mV
Vhys
Hysteresis voltage (VIT+ – VIT–)
25
IOH = -8mA
VCC1 – 0.4
3
VID = 200 mV, See
VOH
High-level output voltage
V
VCC1 = 3.3V ±
Figure 16
IOH = -20µA
VCC1 – 0.1
3.3
10% and VCC2 =
IOL = 8mA
0.2
0.4
VID = -200 mV, See
5V
± 5%
VOL
Low-level output voltage
V
Figure 16
IOL = 20µA
0
0.1
IOH = –8mA
VCC1 – 0.8
4.6
VID = 200 mV, See
VOH
High-level output voltage
V
Figure 16
IOH = –20µA
VCC1 – 0.1
5
VCC1 = 5V ±
10% and VCC2 = V
ID = –200 mV,
IOL = 8mA
0.2
0.4
5V
± 5%
See Figure 16
VOL
Low-level output voltage
V
IOL = 20µA
0
0.1
VCC2 = 4.75V
IA, IB
or 5.25V
VI = –7 or 12V,
Bus pin input current
–160
200
µA
Other input = 0 V
IA(off),
VCC2 = 0V
IB(off)
II
Receiver enable input current
RE = 0 V
–50
50
µA
IOZ
High-impedance state output current
RE = VCC1
–1
1
µA
RID
Differential input resistance
A, B
60
k
Ω
Test input signal is a 1MHz sine
CID
Differential input capacitance
wave with 1Vpp amplitude. CD is
7
10
pF
measured across A and B.
CMR
Common mode rejection
See Figure 19
4
V
Copyright
© 2010–2011, Texas Instruments Incorporated
5


Similar Part No. - ISO1176TDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1176TDWR TI1-ISO1176TDWR Datasheet
1Mb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176TDWR TI1-ISO1176TDWR Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
More results

Similar Description - ISO1176TDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
[Old version datasheet]   Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
[Old version datasheet]   Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
[Old version datasheet]   Isolated RS-485 Profibus Transceiver
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com