Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BBY57-03W Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BBY57-03W
Description  Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BBY57-03W Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BBY57-03W Datasheet HTML 1Page - Siemens Semiconductor Group BBY57-03W Datasheet HTML 2Page - Siemens Semiconductor Group BBY57-03W Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BBY 57-03W
Semiconductor Group
Au -03-1998
2
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Reverse current
VR = 8 V
IR
-
-
1
nA
Reverse current
VR = 8 V, TA = 65 °C
IR
-
-
100
AC characteristics
pF
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 2.5 V, f = 1 MHz
VR = 3 V, f = 1 MHz
VR = 4 V, f = 1 MHz
16.5
-
-
4
18.6
-
-
5.5
17.5
8.7
7.1
4.73
CT
Capacitance ratio
VR = 1 V, VR = 3 V, f = 1 MHz
CT1/CT3
2.45
-
-
-
Capacitance ratio
VR = 1 V, VR = 4 V, f = 1 MHz
CT1/CT4
3.7
4.5
3
Series resistance
VR = 1 V, f = 470 MHz
-
rs
-
0.3
Case capacitance
f = 1 MHz
0.09
pF
-
-
CC
nH
Series inductance chip to ground
Ls
-
0.6
-
Semiconductor Group
2
1998-11-01


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BBY55-02W Silicon Tuning Diode Excellent linearity High Q hyperabrupt tuning diode Low series inductance 1  2  3  Siemens Semiconductor Group
BBY55-03W Silicon Tuning Diode Excellent linearity High Q hyperabrupt tuning diode Low series inductance 1  2  3  Siemens Semiconductor Group
BBY56-02W Silicon Tuning Diode Excellent linearity High Q hyperabrupt tuning diode Low series inductance 1  2  Siemens Semiconductor Group
BBY56-03W Silicon Tuning Diode Excellent linearity High Q hyperabrupt tuning diode Low series inductance 1  2  Siemens Semiconductor Group
BBY57-02W Silicon Tuning Diode Excellent linearity High Q hyperabrupt tuning diode Low series inductance High capacitance ratio 1  2  3  Siemens Semiconductor Group
BBY58-02W Silicon Tuning Diode Excellent linearity High Q hyperabrupt tuning diode Low series inductance 1  2  3  Siemens Semiconductor Group
BBY58-03W Silicon Tuning Diode Excellent linearity High Q hyperabrupt tuning diode Low series inductance 1  2  3  Siemens Semiconductor Group
BBY51-02W Silicon Tuning Diode High Q hyperabrupt tuning diode Low series inductance 1  2  3  Siemens Semiconductor Group
BB857 Silicon Tuning Diode For SAT-indoor-units High capacitance ratio Low series inductance 1  2  3  Siemens Semiconductor Group
BB659 Silicon Tuning Diode For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1  2  3  Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn