Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA149AIDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA149AIDR
Description  High Common-Mode Voltage Difference Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA149AIDR Datasheet(HTML) 4 Page - Texas Instruments

  INA149AIDR Datasheet HTML 1Page - Texas Instruments INA149AIDR Datasheet HTML 2Page - Texas Instruments INA149AIDR Datasheet HTML 3Page - Texas Instruments INA149AIDR Datasheet HTML 4Page - Texas Instruments INA149AIDR Datasheet HTML 5Page - Texas Instruments INA149AIDR Datasheet HTML 6Page - Texas Instruments INA149AIDR Datasheet HTML 7Page - Texas Instruments INA149AIDR Datasheet HTML 8Page - Texas Instruments INA149AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
INA149
SBOS579A
– SEPTEMBER 2011 – REVISED NOVEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS: V+ = 5 V and V
– = 0 V
At TA = +25°C, RL = 2 kΩ connected to 2.5 V, and VCM= REFA = REFB = 2.5 V, unless otherwise noted.
INA149
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GAIN
Initial
VOUT = 1.5 V to 3.5 V
1
V/V
Gain error
VOUT = 1.5 V to 3.5 V
±0.005
%FSR
Gain
vs temperature, TA = –40°C to +125°C
±1.5
ppm/
°C
Nonlinearity
±0.0005
%FSR
OFFSET VOLTAGE
350
µV
Initial offset
vs temperature, TA = –40°C to +125°C
3
µV/°C
vs supply (PSRR), VS = 4 V to 5 V
120
dB
INPUT
Differential
800
k
Ω
Impedance
Common-mode
200
k
Ω
Differential
1.5
3.5
V
Voltage range
Common-mode
–20
25
V
At dc, VCM = –20 V to 25 V
100
dB
vs temperature, TA = –40°C to +125°C, at dc
100
dB
Common-mode rejection
At ac, 500 Hz, VCM = 49 VPP
100
dB
At ac, 1 kHz, VCM = 49 VPP
90
dB
OUTPUT
Voltage range
1.5
3.5
V
Short-circuit current
±15
mA
Capacitive load drive
No sustained oscillations
10
nF
OUTPUT NOISE VOLTAGE
0.01 Hz to 10 Hz
20
µVPP
10 kHz
550
nV/
√Hz
DYNAMIC RESPONSE
Small-signal bandwidth
500
kHz
Slew rate
VOUT = 2 VPP step
5
V/
µs
Full-power bandwidth
VOUT = 2 VPP
32
kHz
Settling time
0.01%, VOUT = 2 VPP step
7
µs
POWER SUPPLY
Voltage range
5
V
VS = 5 V
810
µA
Quiescent current
vs temperature, TA = –40°C to +125°C
1
mA
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): INA149


Similar Part No. - INA149AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA149AMDREP TI1-INA149AMDREP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
More results

Similar Description - INA149AIDR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
AD629 AD-AD629_07 Datasheet
540Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
Rev. B
logo
Texas Instruments
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
logo
Burr-Brown (TI)
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
   짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
   270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
[Old version datasheet]   200V Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com