Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD97370Q5M Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD97370Q5M
Description  Synchronous Buck NexFET??Power Stage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD97370Q5M Datasheet(HTML) 3 Page - Texas Instruments

  CSD97370Q5M Datasheet HTML 1Page - Texas Instruments CSD97370Q5M Datasheet HTML 2Page - Texas Instruments CSD97370Q5M Datasheet HTML 3Page - Texas Instruments CSD97370Q5M Datasheet HTML 4Page - Texas Instruments CSD97370Q5M Datasheet HTML 5Page - Texas Instruments CSD97370Q5M Datasheet HTML 6Page - Texas Instruments CSD97370Q5M Datasheet HTML 7Page - Texas Instruments CSD97370Q5M Datasheet HTML 8Page - Texas Instruments CSD97370Q5M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CSD97370Q5M
www.ti.com
SLPS314B
– JUNE 2011 – REVISED OCTOBER 2011
ELECTRICAL CHARACTERISTICS
TA = 25°C, VDD = POR to 5.5V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
PLOSS
VIN = 12V, VDD = 5V, VOUT = 1.2V, IOUT = 25A,
Power Loss(1)
2.8
3.3
W
fSW = 500kHz, LOUT = 0.3µH , TJ = 25°C
VIN = 12V, VDD = 5V, VOUT = 1.2V, IOUT = 40A,
Power Loss(2)
8
10
W
fSW = 500kHz, LOUT = 0.3µH , TJ = 125°C
VIN
VIN Quiescent Current (IQ)
ENABLE = 0V, VDD = 5V
100
µA
VDD
Standby Supply Current ( IDD)
ENABLE = 0V, PWM = 0V
1
5
µA
ENABLE = 5V, PWM = 50% Duty cycle,
Operating Supply Current (IDD)
16
20
mA
fSW = 500kHz
POWER-ON RESET AND UNDER VOLTAGE LOCKOUT
Power on Reset (VDD Rising)
3.6
3.9
V
UVLO (VDD Falling)
3.4
3.5
V
Hysteresis
100
250
mV
Startup Delay(3)
ENABLE = PWM = 5V
600
1000
ns
ENABLE
Logic Level Low Threshold (VIL)
0.8
1
V
Logic Level High Threshold (VIH)
1.6
2.0
V
Threshold Hysteresis
580
mV
Schmitt Trigger Input PWM = 5V (See Figure 5)
Weak Pull-down Impedance
100
k
Ω
Rising Propagation Delay (tPDH)
600
ns
Falling Propagation Delay (tPDL)
200
ns
PWM
IPWMH
PWM = 5V
620
800
µA
IPWML
PWM = 0V
–260
–340
µA
PWM Logic Level High (VPWMH )
2.2
V
PWM Logic Level Low (VPWML )
0.8
V
PWM 3-State open Voltage
1.5
V
PWM to VSW propagation delay
VDD = POR to 5.5V, CPWM = 10pF (See Figure 6)
100
ns
(tPDLH and tPDHL)
3-State Shutdown Hold-off Time (t3HT)
100
ns
3-State Shutdown Propagation Delay (t3SD)
650
ns
3-State Recovery Propagation Delay (t3RD)
75
ns
BOOTSTRAP SWITCH
Forward Voltage (VFBOOT)
VDD – VBOOT, IF = 20mA
180
360
mV
Reverse Leakage (IRBOOT)
(2)
VBOOT – VDD = 20V
0.15
1
µA
(1)
Measurement made with six 10-
µF (TDK C3216X5R1C106KT or equivalent) ceramic capacitors placed across VIN to PGND pins.
(2)
Specified by design
(3)
POR to VSW rising
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - CSD97370Q5M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results

Similar Description - CSD97370Q5M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com