Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD96370Q5M Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CSD96370Q5M
Description  Synchronous Buck NexFET??Power Stage
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD96370Q5M Datasheet(HTML) 11 Page - Texas Instruments

Back Button CSD96370Q5M Datasheet HTML 7Page - Texas Instruments CSD96370Q5M Datasheet HTML 8Page - Texas Instruments CSD96370Q5M Datasheet HTML 9Page - Texas Instruments CSD96370Q5M Datasheet HTML 10Page - Texas Instruments CSD96370Q5M Datasheet HTML 11Page - Texas Instruments CSD96370Q5M Datasheet HTML 12Page - Texas Instruments CSD96370Q5M Datasheet HTML 13Page - Texas Instruments CSD96370Q5M Datasheet HTML 14Page - Texas Instruments CSD96370Q5M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Board Temperature (°C)
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
40
45
50
G028
V
= 5V
DD
V
= 12V
IN
V
= 1.2V
OUT
f
= 500kHz
SW
L
= 0.3 µH
OUT
1
2
3
CSD96370Q5M
www.ti.com
SLPS265C
– NOVEMBER 2010 – REVISED OCTOBER 2011
Calculating Power Loss and SOA
The user can estimate product loss and SOA boundaries by arithmetic means (see the Design Example).
Though the Power Loss and SOA curves in this datasheet are taken for a specific set of test conditions, the
following procedure will outline the steps engineers should take to predict product performance for any set of
system conditions.
Design Example
Operating Conditions: Output Current (lOUT) = 25A, Input Voltage (VIN ) = 7V, Output Voltage (VOUT) = 1V,
Switching Frequency (fSW) = 800kHz, Output Inductor (LOUT) = 0.2µH
Calculating Power Loss
Power Loss at 25A = 3.3W (Figure 7)
Normalized Power Loss for switching frequency
≈ 1.09 (Figure 12)
Normalized Power Loss for input voltage
≈ 1.07 (Figure 13)
Normalized Power Loss for output voltage
≈ 0.95 (Figure 14)
Normalized Power Loss for output inductor
≈ 1.06 (Figure 15)
Final calculated Power Loss = 3.3W
× 1.09 × 1.07 × 0.95 × 1.06 ≈ 3.88W
Calculating SOA Adjustments
SOA adjustment for switching frequency
≈ 2.7°C (Figure 12)
SOA adjustment for input voltage
≈ 0.1°C (Figure 13)
SOA adjustment for output voltage
≈ –1.3°C (Figure 14)
SOA adjustment for output inductor
≈ 1.6°C (Figure 15)
Final calculated SOA adjustment = 2.7 + 0.1 + (
–1.3) + 1.6 ≈ 3.1°C
Figure 19. Power Stage CSD96370Q5M SOA
In the design example above, the estimated power loss of the CSD96370Q5M would increase to 3.88W. In
addition, the maximum allowable board and/or ambient temperature would have to decrease by 3.1
°C. Figure 19
graphically shows how the SOA curve would be adjusted accordingly.
1. Start by drawing a horizontal line from the application current to the SOA curve.
2. Draw a vertical line from the SOA curve intercept down to the board/ambient temperature.
3. Adjust the SOA board/ambient temperature by subtracting the temperature adjustment value.
In the design example, the SOA temperature adjustment yields a reduction in allowable board/ambient
temperature of 3.1
°C. In the event the adjustment value is a negative number, subtracting the negative number
would yield an increase in allowable board/ambient temperature.
Copyright
© 2010–2011, Texas Instruments Incorporated
11


Similar Part No. - CSD96370Q5M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results

Similar Description - CSD96370Q5M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97374Q4M TI1-CSD97374Q4M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD96370Q5M TI-CSD96370Q5M_15 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M_1110 TI-CSD97370Q5M_1110 Datasheet
789Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M Datasheet
1Mb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD95372AQ5M TI-CSD95372AQ5M Datasheet
1Mb / 24P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95373AQ5M TI1-CSD95373AQ5M Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97370Q5M TI-CSD97370Q5M_15 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com