Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS10PH45 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SS10PH45
Description  High Current Density Surface Mount Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS10PH45 Datasheet(HTML) 3 Page - Vishay Siliconix

  SS10PH45_11 Datasheet HTML 1Page - Vishay Siliconix SS10PH45_11 Datasheet HTML 2Page - Vishay Siliconix SS10PH45_11 Datasheet HTML 3Page - Vishay Siliconix SS10PH45_11 Datasheet HTML 4Page - Vishay Siliconix SS10PH45_11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 89057
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SS10PH45
Vishay General Semiconductor
New Product
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
10
12
8
6
4
2
0
050
75
100
125
150
175
Lead Temperature (°C)
Resistive or Inductive Load
T
L measured
at the Cathode Band Terminal
25
0
2.0
4.0
6.0
8.0
0
2
4
6
8
10
12
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.8
D = 1.0
D = t
p/T
t
p
T
D = 0.5
0.1
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Instantaneous Forward Voltage (V)
T
A = 175 °C
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
100
10
20
30
40
50
60
70
80
90
100
T
A = 175 °C
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
Percent of Rated Peak Reverse Voltage (%)
0.0001
0.001
0.01
0.1
1
10
10
100
10 000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
1000
Junction to Ambient
0.01
0.1
1
10
100
1
10
100
t - Pulse Duration (s)


Similar Part No. - SS10PH45_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS10PH45 VISHAY-SS10PH45_15 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 01-Dec-14
SS10PH45 VISHAY-SS10PH45_15 Datasheet
88Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 01-Dec-14
More results

Similar Description - SS10PH45_11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B230LA VISHAY-B230LA Datasheet
58Kb / 2P
   High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
logo
Shenzhen Taychipst Elec...
SSA23L TAYCHIPST-SSA23L Datasheet
9Mb / 2P
   High-Current Density Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SS3P4 VISHAY-SS3P4 Datasheet
87Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
26-Jun-06
B230LA VISHAY-B230LA_08 Datasheet
102Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS2P5 VISHAY-SS2P5_08 Datasheet
104Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SS3P4 VISHAY-SS3P4_08 Datasheet
103Kb / 4P
   High Current Density Surface Mount Schottky Rectifier
Revision: 25-Aug-08
SS10PH45 VISHAY-SS10PH45 Datasheet
110Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 30-Jul-08
SS10PH45 VISHAY-SS10PH45_15 Datasheet
97Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 01-Dec-14
SSC53L-M3 VISHAY-SSC53L-M3 Datasheet
91Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 07-Jan-15
SSC53L-M3 VISHAY-SSC53L-M3_15 Datasheet
81Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 07-Jan-15
B230LA VISHAY-B230LA_15 Datasheet
78Kb / 5P
   High Current Density Surface Mount Schottky Rectifier
Revision: 14-Jan-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com