Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD87352Q5D_1111 Datasheet(PDF) 10 Page - Texas Instruments

Part # CSD87352Q5D_1111
Description  Synchronous Buck NexFET??Power Block
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87352Q5D_1111 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CSD87352Q5D_1111 Datasheet HTML 6Page - Texas Instruments CSD87352Q5D_1111 Datasheet HTML 7Page - Texas Instruments CSD87352Q5D_1111 Datasheet HTML 8Page - Texas Instruments CSD87352Q5D_1111 Datasheet HTML 9Page - Texas Instruments CSD87352Q5D_1111 Datasheet HTML 10Page - Texas Instruments CSD87352Q5D_1111 Datasheet HTML 11Page - Texas Instruments CSD87352Q5D_1111 Datasheet HTML 12Page - Texas Instruments CSD87352Q5D_1111 Datasheet HTML 13Page - Texas Instruments CSD87352Q5D_1111 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
80
82
84
86
88
90
92
94
96
2
6
10
14
18
22
26
Output Current (A)
PowerBlock HS/LS RDS(ON) = 9mΩ/4mΩ
Discrete HS/LS RDS(ON) = 9mΩ/4mΩ
Discrete HS/LS RDS(ON) = 9mΩ/2.8mΩ
VGS = 5V
VIN = 12V
VOUT = 1.3V
LOUT = 0.3µH
fSW = 500kHz
TA = 25ºC
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
2
6
10
14
18
22
26
Output Current (A)
PowerBlock HS/LS RDS(ON) = 9mΩ/4mΩ
Discrete HS/LS RDS(ON) = 9mΩ/4mΩ
Discrete HS/LS RDS(ON) = 9mΩ/2.8mΩ
VGS = 5V
VIN = 12V
VOUT = 1.3V
LOUT = 0.3µH
fSW = 500kHz
TA = 25ºC
CSD87352Q5D
SLPS286B
– JUNE 2011 – REVISED NOVEMBER 2011
www.ti.com
The combination of TI
’s latest generation silicon and optimized packaging technology has created a
benchmarking solution that outperforms industry standard MOSFET chipsets of similar RDS(ON) and MOSFET
chipsets with lower RDS(ON). Figure 30 and Figure 31 compare the efficiency and power loss performance of the
CSD87352Q5D versus industry standard MOSFET chipsets commonly used in this type of application. This
comparison purely focuses on the efficiency and generated loss of the power semiconductors only. The
performance of CSD87352Q5D clearly highlights the importance of considering the Effective AC On-Impedance
(ZDS(ON)) during the MOSFET selection process of any new design. Simply normalizing to traditional MOSFET
RDS(ON) specifications is not an indicator of the actual in-circuit performance when using TI’s Power Block
technology.
Figure 30.
Figure 31.
The chart below compares the traditional DC measured RDS(ON) of CSD87352Q5D versus its ZDS(ON). This
comparison takes into account the improved efficiency associated with TI
’s patented packaging technology. As
such, when comparing TI
’s Power Block products to individually packaged discrete MOSFETs or dual MOSFETs
in a standard package, the in-circuit switching performance of the solution must be considered. In this example,
individually packaged discrete MOSFETs or dual MOSFETs in a standard package would need to have DC
measured RDS(ON) values that are equivalent to CSD87352Q5D’s ZDS(ON) value in order to have the same
efficiency performance at full load. Mid to light-load efficiency will still be lower with individually packaged discrete
MOSFETs or dual MOSFETs in a standard package.
Comparison of RDS(ON) vs. ZDS(ON)
HS
LS
Parameter
Typ
Max
Typ
Max
Effective AC On-Impedance ZDS(ON) (VGS = 5V)
9
-
2.8
-
DC Measured RDS(ON) (VGS = 4.5V)
9
10.8
4
4.8
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - CSD87352Q5D_1111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI-CSD87352Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results

Similar Description - CSD87352Q5D_1111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com