Electronic Components Datasheet Search |
|
SMDP20G5-50R027 Datasheet(PDF) 4 Page - Vishay Siliconix |
|
SMDP20G5-50R027 Datasheet(HTML) 4 Page - Vishay Siliconix |
4 / 5 page www.vishay.com For technical questions contact: connectors@vishay.com Document Number: 36010 19 Revision: 05-May-09 SM20 Vishay Dale Rack and Panel Connectors Subminiature Rectangular Note (1) To order complete connector with hardware supplied unassembled, add suffix “UA” on end of hardware designation. PANEL CUTOUT in inches [millimeters] NUMBER OF CONTACTS A B C D FIGURE 5 0.230 [5.84] 0.531 [13.49] 0.410 [10.41] - I 7 0.230 [5.84] 0.625 [15.88] 0.500 [12.70] - 11 0.340 [8.64] 0.625 [15.88] 0.530 [13.46] - 14 0.340 [8.64] 0.750 [19.05] 0.620 [15.75] - 20 0.340 [8.64] 1.0 [25.40] 0.910 [23.11] - 26 0.340 [8.64] 1.25 [31.75] 1.16 [29.46] - 34 0.500 [12.70] 1.312 [33.32] 1.16 [29.46] 0.343 [8.71] II 42 0.500 [12.70] 1.562 [39.68] 1.41 [35.81] 0.343 [8.71] 50 0.500 [12.70] 1.812 [46.02] 1.66 [42.16] 0.343 [8.71] 75 0.720 [18.29] 1.812 [46.02] 1.66 [42.16] 0.562 [14.28] III FIGURE I 0.093 [2.36] Dia. Typ. D B C A A D 0.312 [7.93] B C A B 0.093 [2.36] C Dia. Typ. 0.218 [5.54] FIGURE III 0.093 [2.36] FIGURE II 0.093 [2.36] ORDERING INFORMATION - EXAMPLES: SMBS20-26SK035 = Female, 26 beryllium copper socket contacts with socket head knobs on turnable screwlocks for #20 AWG wiring. SMP20-14SL3 = Male, 14 contact pins, fixed screwlocks with 3-48 threads for #20 AWG wiring. B CONTACT TYPE (OPTIONAL) B = Beryllium copper, socket contacts (Solder cup) D = Dip solder contacts C CONTACTS (OPTIONAL) Closed entry socket contacts only. Omit for standard contacts. 027 (1) HARDWARE OPTIONS (Omit if no hardware desired) 027 = Slotted cres guides 0.090" [2.29 mm] diameter SK = Turnable screwlocks with 2-56 threads SK3 = Turnable screwlocks with 3-48 threads SL = Fixed screwlocks with 2-56 threads SL3 = Fixed screwlocks with 3-48 threads SK030 = Turnable screwlocks with short slotted knobs SK035 = Turnable screwlocks with socket head knobs SK3030 = Turnable screwlocks with short slotted knobs with 3-48 threads SK3035 = Turnable screwlocks with socket head knobs with 3-48 threads 20 CONTACT SIZE #20 AWG S CONTACT STYLE P = Pin S = Socket SM MODEL Subminiature R (OPTIONAL) (OPTIONAL) R = Reversed guides or screwlocks Omit for standard 5, 7, 11, 14, 20, 26, 34, 42, 50, 75 26 NUMBER OF CONTACTS G PLATING Optional plating available: G = Gold (0.00003 thick) over nickel G5 = Gold (0.00005 thick) over nickel Omit designator for gold (0.00001 thick) over nickel – |
Similar Part No. - SMDP20G5-50R027 |
|
Similar Description - SMDP20G5-50R027 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |