Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD17313Q2 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17313Q2
Description  30V N-Channel NexFET??Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD17313Q2 Datasheet(HTML) 2 Page - Texas Instruments

  CSD17313Q2 Datasheet HTML 1Page - Texas Instruments CSD17313Q2 Datasheet HTML 2Page - Texas Instruments CSD17313Q2 Datasheet HTML 3Page - Texas Instruments CSD17313Q2 Datasheet HTML 4Page - Texas Instruments CSD17313Q2 Datasheet HTML 5Page - Texas Instruments CSD17313Q2 Datasheet HTML 6Page - Texas Instruments CSD17313Q2 Datasheet HTML 7Page - Texas Instruments CSD17313Q2 Datasheet HTML 8Page - Texas Instruments CSD17313Q2 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CSD17313Q2
SLPS260B – MARCH 2010 – REVISED OCTOBER 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, ID = 250mA
30
V
IDSS
Drain to Source Leakage
VGS = 0V, VDS = 24V
1
mA
IGSS
Gate to Source Leakage
VDS = 0V, VGS = +10 / -8V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, ID = 250mA
0.9
1.3
1.8
V
VGS = 3V, ID = 4A
31
42
m
RDS(on)
Drain to Source On Resistance
VGS = 4.5V, ID = 4A
26
32
m
VGS = 8V, ID = 4A
24
30
m
gfs
Transconductance
VDS = 15V, ID = 4A
16
S
Dynamic Characteristics
Ciss
Input Capacitance
260
340
pF
VGS = 0V, VDS = 15V,
Coss
Output Capacitance
140
180
pF
f = 1MHz
Crss
Reverse Transfer Capacitance
13
17
pF
RG
Series Gate Resistance
1.3
2.6
Ω
Qg
Gate Charge Total (4.5V)
2.1
2.7
nC
Qgd
Gate Charge – Gate to Drain
0.4
nC
VDS = 15V,
ID = 4A
Qgs
Gate Charge Gate to Source
0.7
nC
Qg(th)
Gate Charge at Vth
0.3
nC
Qoss
Output Charge
VDS = 13.5V, VGS = 0V
3.8
nC
td(on)
Turn On Delay Time
2.8
ns
tr
Rise Time
3.9
ns
VDS = 15V, VGS = 4.5V,
ID = 4A, RG = 2Ω
td(off)
Turn Off Delay Time
4.2
ns
tf
Fall Time
1.3
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 4A, VGS = 0V
0.85
1
V
Qrr
Reverse Recovery Charge
6.4
nC
VDD= 13.5V, IF = 4A,
di/dt = 300A/ms
trr
Reverse Recovery Time
12.9
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RqJC
Thermal Resistance Junction to Case(1)
7.4
°C/W
RqJA
Thermal Resistance Junction to Ambient(1)(2)
67
°C/W
(1)
RqJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch (3.81-cm ×
3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RqJC is specified by design, whereas RqJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - CSD17313Q2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17313Q2 TI-CSD17313Q2 Datasheet
327Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2 TI1-CSD17313Q2 Datasheet
412Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI-CSD17313Q2Q1 Datasheet
312Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1T TI1-CSD17313Q2Q1T Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
More results

Similar Description - CSD17313Q2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17311Q5 TI-CSD17311Q5_1 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17313Q2 TI-CSD17313Q2 Datasheet
327Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17577Q5A TI1-CSD17577Q5A_16 Datasheet
373Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17559Q5 TI1-CSD17559Q5_16 Datasheet
414Kb / 12P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI-CSD17313Q2Q1 Datasheet
312Kb / 10P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17303Q5 TI-CSD17303Q5 Datasheet
369Kb / 9P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17311Q5 TI-CSD17311Q5 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17575Q3 TI1-CSD17575Q3_16 Datasheet
450Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
CSD17312Q5 TI1-CSD17312Q5_11 Datasheet
522Kb / 11P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17312Q5 TI-CSD17312Q5 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com