Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1120RHMT Datasheet(PDF) 5 Page - Texas Instruments

Part # CC1120RHMT
Description  High Performance RF Transceiver for Narrowband Systems
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1120RHMT Datasheet(HTML) 5 Page - Texas Instruments

  CC1120RHMT Datasheet HTML 1Page - Texas Instruments CC1120RHMT Datasheet HTML 2Page - Texas Instruments CC1120RHMT Datasheet HTML 3Page - Texas Instruments CC1120RHMT Datasheet HTML 4Page - Texas Instruments CC1120RHMT Datasheet HTML 5Page - Texas Instruments CC1120RHMT Datasheet HTML 6Page - Texas Instruments CC1120RHMT Datasheet HTML 7Page - Texas Instruments CC1120RHMT Datasheet HTML 8Page - Texas Instruments CC1120RHMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
CC1120
SWRS112 – REVISED AUGUST 2011
Page 5 of 23
PRODUCTION DATA information is current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty. Production processing does
not necessarily include testing of all parameters.
1.5
Current Consumption, Static Modes
TA = 25°C, VDD = 3.0 V if nothing else stated
Parameter
Min
Typ
Max
Unit
Condition
0.3
1
µA
Power Down with Retention
0.5
µA
Low-power RC oscillator running
XOFF Mode
170
µA
Crystal oscillator / TCXO disabled
IDLE Mode
1.3
mA
Clock running, system waiting with
no radio activity
1.6
Current Consumption, Transmit Modes
950 MHz band (High Performance Mode)
TA = 25°C, VDD = 3.0 V if nothing else stated
Parameter
Min
Typ
Max
Unit
Condition
TX Current Consumption +10 dBm
37
mA
TX Current Consumption 0 dBm
26
mA
868/915 MHz bands (High Performance Mode)
TA = 25°C, VDD = 3.0 V if nothing else stated
Parameter
Min
Typ
Max
Unit
Condition
TX Current Consumption +14 dBm
45
mA
TX Current Consumption +10 dBm
34
mA
434 MHz band (High Performance Mode)
TA = 25°C, VDD = 3.0 V if nothing else stated
Parameter
Min
Typ
Max
Unit
Condition
TX Current Consumption +15 dBm
50
mA
TX Current Consumption +14 dBm
45
mA
TX Current Consumption +10 dBm
34
mA
170 MHz band (High Performance Mode)
TA = 25°C, VDD = 3.0 V if nothing else stated
Parameter
Min
Typ
Max
Unit
Condition
TX Current Consumption +15 dBm
54
mA
TX Current Consumption +14 dBm
49
mA
TX Current Consumption +10 dBm
41
mA
Low Power Mode
TA = 25°C, VDD = 3.0 V, f c = 869.5 MHz if nothing else stated
Parameter
Min
Typ
Max
Unit
Condition
TX Current Consumption +10 dBm
32
mA


Similar Part No. - CC1120RHMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1120RHMT TI-CC1120RHMT Datasheet
1Mb / 35P
[Old version datasheet]   High Performance RF Transceiver for Narrowband Systems
More results

Similar Description - CC1120RHMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1120RHBR TI-CC1120RHBR Datasheet
1Mb / 35P
[Old version datasheet]   High Performance RF Transceiver for Narrowband Systems
CC1120 TI1-CC1120_14 Datasheet
1Mb / 40P
[Old version datasheet]   High-Performance RF Transceiver for Narrowband Systems
CC1120 TI-CC1120_12 Datasheet
919Kb / 31P
[Old version datasheet]   High Performance RF Transceiver for Narrowband Systems
CC1120 TI-CC1120_15 Datasheet
1Mb / 37P
[Old version datasheet]   CC1120 High-Performance RF Transceiver for Narrowband Systems
CC1175RHBR TI-CC1175RHBR Datasheet
1Mb / 27P
[Old version datasheet]   High Performance RF Transmitter for Narrowband Systems
CC1175 TI-CC1175 Datasheet
875Kb / 22P
[Old version datasheet]   High Performance RF Transmitter for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_16 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com