Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BBY53-02W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BBY53-02W
Description  Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BBY53-02W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BBY 53-02W
Semiconductor Group
Au -20-1998
1
Silicon Tuning Diode
Preliminary data
• High Q hyperabrupt tuning diode
• Designed for low tuning voltage operation
for VCO’s in mobile communications equipment
• High ratio at low reverse voltage
1
VES05991
2
Type
Marking
Ordering Code
Pin Configuration
Package
BBY 53-02W
L
Q62702-B0862
1 = C
2 = A
SCD-80
Maximum Ratings
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
6
V
Forward current
IF
20
mA
Operating temperature range
Top
-55 ...+150
°C
Storage temperature
Tstg
-55 ...+150
Semiconductor Group
1
1998-11-01


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BBY51-03WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY51-07Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY51Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY52-03WSilicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY52Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY53-03WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY53Silicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BB814Silicon Variable Capacitance Diode For FM radio tuners with extended frequency band High tuning ratio at low supply voltage car radio 1 2 3 Siemens Semiconductor Group
BB914Silicon Variable Capacitance Diode For FM radio tuner with extended frequency band High tuning ratio low supply voltage car radio 1 2 3 Siemens Semiconductor Group
BBY55-03WSilicon Tuning Diode Excellent linearity High Q hyperabrupt tuning diode Low series inductance 1 2 3 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn