Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMPC5.0A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMPC5.0A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMPC5.0A Datasheet(HTML) 2 Page - Vishay Siliconix

  SMPC5.0A Datasheet HTML 1Page - Vishay Siliconix SMPC5.0A Datasheet HTML 2Page - Vishay Siliconix SMPC5.0A Datasheet HTML 3Page - Vishay Siliconix SMPC5.0A Datasheet HTML 4Page - Vishay Siliconix SMPC5.0A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 89116
20
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SMPC5.0A thru SMPC36A
Vishay General Semiconductor
New Product
Notes
(1) Pulse test: t
 50 ms
(2) Surge current waveform per fig. 3 and derated per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
Notes
(1) Mounted on minimum recommended pad layout
(2) Units mounted on infinite heatsink at TA = 50 °C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR AT VWM
(μA)
MAXIMUM PEAK
PULSE SURGE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
MIN.
MAX.
SMPC5.0A
GDE
6.40
7.07
10
5.0
1500
150
10.0
SMPC6.0A
GDG
6.67
7.37
10
6.0
1000
145.6
10.3
SMPC6.5A
GDK
7.22
7.98
10
6.5
500
133.9
11.2
SMPC7.0A
GDM
7.78
8.60
10
7.0
200
125.0
12.0
SMPC7.5A
GDP
8.33
9.21
1.0
7.5
100
116.3
12.9
SMPC8.0A
GDR
8.89
9.83
1.0
8.0
50
110.3
13.6
SMPC8.5A
GDT
9.44
10.4
1.0
8.5
20
104.2
14.4
SMPC9.0A
GDV
10.0
11.1
1.0
9.0
5.0
97.4
15.4
SMPC10A
GDX
11.1
12.3
1.0
10.0
2.0
88.2
17.0
SMPC11A
GDZ
12.2
13.5
1.0
11.0
2.0
82.4
18.2
SMPC12A
GEE
13.3
14.7
1.0
12.0
2.0
75.4
19.9
SMPC13A
GEG
14.4
15.9
1.0
13.0
1.0
69.8
21.5
SMPC14A
GEK
15.6
17.2
1.0
14.0
1.0
64.7
23.2
SMPC15A
GEM
16.7
18.5
1.0
15.0
1.0
61.5
24.4
SMPC16A
GEP
17.8
19.7
1.0
16.0
1.0
57.7
26.0
SMPC17A
GER
18.9
20.9
1.0
17.0
1.0
54.3
27.6
SMPC18A
GET
20.0
22.1
1.0
18.0
1.0
51.4
29.2
SMPC20A
GEV
22.2
24.5
1.0
20.0
1.0
46.3
32.4
SMPC22A
GEX
24.4
26.9
1.0
22.0
1.0
42.3
35.5
SMPC24A
GEZ
26.7
29.5
1.0
24.0
1.0
38.6
38.9
SMPC26A
GFE
28.9
31.0
1.0
26.0
1.0
35.6
42.1
SMPC28A
GFG
31.1
34.4
1.0
28.0
1.0
33.0
45.4
SMPC30A
GFK
33.3
36.8
1.0
30.0
1.0
31.0
48.4
SMPC33A
GFM
36.7
40.6
1.0
33.0
1.0
28.1
53.3
SMPC36A
GFP
40.0
44.2
1.0
36.0
1.0
25.8
58.1
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to ambient air
RJA (1)
125
°C/W
Typical thermal resistance, junction to leads
RJL (2)
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMPC5.0A-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
SMPC5.0A-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel


Similar Part No. - SMPC5.0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMPC5.0A VISHAY-SMPC5.0A Datasheet
109Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - SMPC5.0A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com