Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BBY52 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. BBY52
Description  Silicon Tuning Diode (High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BBY52 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BBY52 Datasheet HTML 1Page - Siemens Semiconductor Group BBY52 Datasheet HTML 2Page - Siemens Semiconductor Group BBY52 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Semiconductor Group
3
Jul-04-1996
BBY 52
Diode capacitance
CT = f (VR)
f = 1MHz
1.0
1.5
2.0
2.5
3.0
V
4.0
V
R
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
pF
2.4
C
D
Package


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BBY51-07Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY51Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY52-03WSilicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY51-03WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY53-02WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY53-03WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY53Silicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BB814Silicon Variable Capacitance Diode For FM radio tuners with extended frequency band High tuning ratio at low supply voltage car radio 1 2 3 Siemens Semiconductor Group
BB914Silicon Variable Capacitance Diode For FM radio tuner with extended frequency band High tuning ratio low supply voltage car radio 1 2 3 Siemens Semiconductor Group
BBY55-03WSilicon Tuning Diode Excellent linearity High Q hyperabrupt tuning diode Low series inductance 1 2 3 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn