Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BBY52 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BBY52
Description  Silicon Tuning Diode (High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BBY52 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BBY52 Datasheet HTML 1Page - Siemens Semiconductor Group BBY52 Datasheet HTML 2Page - Siemens Semiconductor Group BBY52 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Semiconductor Group
2
Jul-04-1996
BBY 52
Electrical Characteristics at
TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Reverse current
VR = 6 V, TA = 25 °C
VR = 6 V, TA = 65 °C
IR
-
-
-
-
200
10
nA
AC characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 2 V, f = 1 MHz
VR = 3 V, f = 1 MHz
VR = 4 V, f = 1 MHz
CT
0.85
-
-
1.4
1.15
1.35
1.5
1.85
1.45
-
-
2.2
pF
Capacitance ratio
VR = 1 V, VR = 4 V, f = 1 MHz
CT1/CT4
1.1
1.6
2.1
-
Series resistance
VR = 1 V, f = 1 GHz
rs
-
0.9
1.8
Case capacitance
f = 1 MHz
CC
-
0.12
-
pF
Series inductance chip to ground
Ls
-
2
-
nH


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BBY51-07Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY51Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY52-03WSilicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY51-03WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY53-02WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY53-03WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY53Silicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BB814Silicon Variable Capacitance Diode For FM radio tuners with extended frequency band High tuning ratio at low supply voltage car radio 1 2 3 Siemens Semiconductor Group
BB914Silicon Variable Capacitance Diode For FM radio tuner with extended frequency band High tuning ratio low supply voltage car radio 1 2 3 Siemens Semiconductor Group
BBY55-03WSilicon Tuning Diode Excellent linearity High Q hyperabrupt tuning diode Low series inductance 1 2 3 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn