Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIS478DN-T1-GE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIS478DN-T1-GE3
Description  N-Channel 30 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIS478DN-T1-GE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIS478DN-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIS478DN-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIS478DN-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIS478DN-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIS478DN-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIS478DN-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIS478DN-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIS478DN-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIS478DN-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 71693
S10-2426-Rev. A, 25-Oct-10
Vishay Siliconix
SiS478DN
New Product
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
ID =8A
VGS =10V
VGS =4.5 V
T
J - Junction Temperature (°C)
0
0.02
0.04
0.06
0.08
0.10
012
3
45
67
89
10
TJ =25 °C
TJ = 125 °C
ID =8A
V
GS - Gate-to-Source Voltage (V)
0
10
20
30
40
50
Time (s)
10
1000
0.1
0.01
0.001
100
1
Source-Drain Diode Forward Voltage
Threshold Voltage
Safe Operating Area, Junction-to-Ambient
TJ = 25 °C
TJ = 150 °C
0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
V
SD - Source-to-Drain Voltage (V)
- 0.8
- 0.6
- 0.4
- 0.2
0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
ID =5mA
ID = 250 μA
T
J - Temperature (°C)
0.01
100
1
100
0.01
0.1
10 s
10 ms
0.1
1
10
10
TA = 25 °C
Single Pulse
1ms
DC
BVDSS Limited
1s
100 ms
Limited by RDS(on)*
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified


Similar Part No. - SIS478DN-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIS478DN TFUNK-SIS478DN Datasheet
539Kb / 13P
   N-Channel 30 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SIS478DN DOINGTER-SIS478DN Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - SIS478DN-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com