Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BBY51 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BBY51
Description  Silicon Tuning Diode (High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BBY51 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BBY51 Datasheet HTML 1Page - Siemens Semiconductor Group BBY51 Datasheet HTML 2Page - Siemens Semiconductor Group BBY51 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semiconductor Group
1
Jan-09-1997
BBY 51
Silicon Tuning Diode
• High Q hyperabrupt dual tuning diode
• Designed for low tuning voltage operation
• For VCO's in mobile communications equipment
Type
Marking Ordering Code
Pin Configuration
Package
BBY 51
S3
Q62702-B631
1 = A
2 = A
3 = C1/C2 SOT-23
Maximum Ratings
Parameter
Symbol
Values
Unit
Diode reverse voltage
VR
7
V
Forward current
IF
20
mA
Operating temperature range
Top
- 55 ... + 150
°C
Storage temperature
Tstg
- 55 ... + 150


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BBY51-07 Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1  2  3  Siemens Semiconductor Group
BBY52-03W Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1  2  3  Siemens Semiconductor Group
BBY52 Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1  2  3  Siemens Semiconductor Group
BBY51-03W Silicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1  2  3  Siemens Semiconductor Group
BBY53-02W Silicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1  2  3  Siemens Semiconductor Group
BBY53-03W Silicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1  2  3  Siemens Semiconductor Group
BBY53 Silicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1  2  3  Siemens Semiconductor Group
BB814 Silicon Variable Capacitance Diode For FM radio tuners with extended frequency band High tuning ratio at low supply voltage car radio 1  2  3  Siemens Semiconductor Group
BB914 Silicon Variable Capacitance Diode For FM radio tuner with extended frequency band High tuning ratio low supply voltage car radio 1  2  3  Siemens Semiconductor Group
BBY55-03W Silicon Tuning Diode Excellent linearity High Q hyperabrupt tuning diode Low series inductance 1  2  3  Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn