Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97649BIRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL97649BIRZ
Description  TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97649BIRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL97649BIRZ Datasheet HTML 1Page - Intersil Corporation ISL97649BIRZ Datasheet HTML 2Page - Intersil Corporation ISL97649BIRZ Datasheet HTML 3Page - Intersil Corporation ISL97649BIRZ Datasheet HTML 4Page - Intersil Corporation ISL97649BIRZ Datasheet HTML 5Page - Intersil Corporation ISL97649BIRZ Datasheet HTML 6Page - Intersil Corporation ISL97649BIRZ Datasheet HTML 7Page - Intersil Corporation ISL97649BIRZ Datasheet HTML 8Page - Intersil Corporation ISL97649BIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ISL97649B
4
FN7927.0
December 5, 2011
Absolute Maximum Ratings
Thermal Information
RE, VGHM, GPM_LO, and VGH to GND . . . . . . . . . . . . . . . . . . . -0.3 to +36V
LX, AVDD, POS, OUT to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +18V
Voltage Between GND and PGND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±0.5V
All Other Pins to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0V
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . . . 2kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . 200V
Charged Device Model (Tested per JESD22-C101). . . . . . . . . . . . . . . 1kV
Thermal Resistance
θJA(°C/W) θJC (°C/W)
4 x 5 QFN Package (Notes 4, 5) . . . . . . . . .
38
4.5
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Functional Junction Temperature . . . . . . . . . . . . . . . . . . . .-40°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Lead Temperature during Soldering. . . . . . . . . . . . . . . . . . . . . . . . . +260°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications VIN = ENABLE = 3.3V, AVDD =8V, VON =24V, VOFF = -6V. Boldface limits apply over the operating
temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
(Note 7)
MAX
(Note 6)
UNITS
GENERAL
VIN
VIN Supply Voltage Range
2.5
3.3
5.5
V
IS_DIS
VIN Supply Currents when Disabled
VIN<UVLO
390
500
µA
IS
VIN Supply Currents
ENABLE = 3.3V, overdrive AVDD and
VGH
0.7
1.0
mA
IENABLE
ENABLE Pin Current
ENABLE = 0V
0
µA
LOGIC INPUT CHARACTERISTICS - ENABLE, FLK, SCL, SDA, FREQ
VIL
Low Voltage Threshold
0.65
V
VIH
High Voltage Threshold
1.75
V
RIL
Pull-Down Resistor
Enable, FLK, FREQ
0.85
1.25
1.65
MΩ
INTERNAL OSCILLATOR
FOSC
Switching Frequencies
FREQ = low, TA = 25°C
550
600
650
kHz
FREQ = high, TA = 25°C
1100
1200
1300
kHz
AVDD BOOST REGULATOR
ΔAVDD/
ΔIOUT
AVDD Load Regulation
50mA < ILOAD < 250mA
0.2
%
ΔAVDD/
ΔVIN
AVDD Line Regulation
ILOAD = 150mA, 2.5V < VIN < 5.5V
0.15
%
VFB
Feedback Voltage (VFB)ILOAD = 100mA, TA = +25°C
0.792
0.8
0.808
V
IFB
FB Input Bias Current
100
nA
rDS(ON)
Switch ON-resistance
TA = +25°C
180
230
mΩ
ILIM
Switch Current Limit
1.125
1.5
1.875
A
DMAX
Max Duty Cycle
Freq = 1.2MHz
80
90
%
EFF
Freq = 1.2MHz, IAVDD = 100mA
91
%


Similar Part No. - ISL97649BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97649BIRZ RENESAS-ISL97649BIRZ Datasheet
1Mb / 20P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
More results

Similar Description - ISL97649BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97649A INTERSIL-ISL97649A Datasheet
1,008Kb / 20P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Renesas Technology Corp
ISL97649A RENESAS-ISL97649A Datasheet
1Mb / 22P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
logo
Intersil Corporation
ISL97649AIRZ-TR5566 INTERSIL-ISL97649AIRZ-TR5566 Datasheet
907Kb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
logo
Renesas Technology Corp
ISL97649B RENESAS-ISL97649B Datasheet
1Mb / 20P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
ISL97649AR5566 RENESAS-ISL97649AR5566 Datasheet
1Mb / 21P
   TFT-LCD Supply DCP VCOM Amplifier Gate Pulse Modulator RESET
September 11, 2015
VPA2000 RENESAS-VPA2000 Datasheet
1Mb / 25P
   TFT-LCD Power Supply with VCOM Amplifier
2019
ISL98665 RENESAS-ISL98665 Datasheet
1Mb / 23P
   TFT-LCD Supplies DVR VCOM Amplifier
June 27, 2013
logo
Richtek Technology Corp...
RT8901 RICHTEK-RT8901 Datasheet
182Kb / 10P
   35V Gate Pulse Modulator for LCD Panels
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com