Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BBY51-03W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BBY51-03W
Description  Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BBY51-03W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BBY 51-03W
Semiconductor Group
1
Edition A01, 03.05.95
Type
Marking
Ordering Code
(tape and reel)
Pin Configuration
1
2
Package 1)
BBY 51-03W
H
Q62702-B663
C1
A2
SOD-323
Maximum Ratings
Parameter
Symbol
BBY 51-03W
Unit
Reverse voltage
VR
7V
Forward current
IF
20
mA
Operating temperature range
Top
-55 +150°C
°C
Storage temperature range
Tstg
-55...+150°C
°C
______________________________
1) Package mounted on alumina 15mm x 16.7mm x 0.7mm
Silicon Tuning Diode
l High Q hyperabrupt tuning diode
l Designed for low tuning voltage operation
l For VCO's in mobile communications equipment


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BBY51-07Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY51Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY52-03WSilicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY52Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY53-02WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY53-03WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY53Silicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BB814Silicon Variable Capacitance Diode For FM radio tuners with extended frequency band High tuning ratio at low supply voltage car radio 1 2 3 Siemens Semiconductor Group
BB914Silicon Variable Capacitance Diode For FM radio tuner with extended frequency band High tuning ratio low supply voltage car radio 1 2 3 Siemens Semiconductor Group
BBY55-03WSilicon Tuning Diode Excellent linearity High Q hyperabrupt tuning diode Low series inductance 1 2 3 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn