Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR878DP-T1-GE3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIR878DP-T1-GE3
Description  N-Channel 100 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR878DP-T1-GE3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIR878DP-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SIR878DP-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIR878DP-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIR878DP-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIR878DP-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIR878DP-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIR878DP-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIR878DP-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIR878DP-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
SiR878DP
New Product
Document Number: 65939
S10-2685-Rev. B, 22-Nov-10
www.vishay.com
1
N-Channel 100 V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
100 % UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
DC/DC Primary Side Switch
Telecom/Server 48 V, Full/Half-Bridge dc-to-dc
Industrial
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a
Qg (Typ.)
100
0.014 at VGS = 10 V
40
13.6 nC
0.0148 at VGS = 7.5 V
38
0.019 at VGS = 4.5 V
34
Ordering Information: SiR878DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK® SO-8
Bottom View
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See solder profile (www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 70 °C/W.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
40
A
TC = 70 °C
32
TA = 25 °C
13.3b, c
TA = 70 °C
10.6b, c
Pulsed Drain Current
IDM
80
Continuous Source-Drain Diode Current
TC = 25 °C
IS
40
TA = 25 °C
4.5b, c
Single Pulse Avalanche Current
L =
0.1 mH
IAS
20
Single Pulse Avalanche Energy
EAS
20
mJ
Maximum Power Dissipation
TC = 25 °C
PD
44.5
W
TC = 70 °C
28.5
TA = 25 °C
5.0b, c
TA = 70 °C
3.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
 10 s
RthJA
20
25
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
2.1
2.8


Similar Part No. - SIR878DP-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR878ADP VISHAY-SIR878ADP Datasheet
521Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 10-Oct-11
logo
Vishay Telefunken
SIR878ADP TFUNK-SIR878ADP Datasheet
351Kb / 13P
   N-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SIR878ADP_1209 VISHAY-SIR878ADP_1209 Datasheet
522Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 10-Oct-11
SIR878ADP VISHAY-SIR878ADP_15 Datasheet
346Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 10-Oct-11
SIR878BDP VISHAY-SIR878BDP Datasheet
393Kb / 13P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIR878DP-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com