Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78225 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL78225
Description  4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78225 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL78225 Datasheet HTML 4Page - Intersil Corporation ISL78225 Datasheet HTML 5Page - Intersil Corporation ISL78225 Datasheet HTML 6Page - Intersil Corporation ISL78225 Datasheet HTML 7Page - Intersil Corporation ISL78225 Datasheet HTML 8Page - Intersil Corporation ISL78225 Datasheet HTML 9Page - Intersil Corporation ISL78225 Datasheet HTML 10Page - Intersil Corporation ISL78225 Datasheet HTML 11Page - Intersil Corporation ISL78225 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ISL78225
8
FN7909.0
December 15, 2011
VREF2 External Reference Voltage Range
0.7
1.8
V
VREF2 External Reference Voltage Accuracy -40°C to +125°C, measure at FB pin, VREF2 = 1.8V
-1
1
%
-40°C to +125°C, measure at FB pin, VREF2 = 0.7V
-1.5
1.5
ERROR AMPLIFIER
Transconductance Gain
2mS
Output Impedance
5MΩ
Unity Gain Bandwidth
CCOMP = 100pF from COMP pin to GND
11
MHz
Slew Rate
CCOMP = 100pF from COMP pin to GND
2.5
V/µs
Output Current Capability
±300
µA
Maximum Output Voltage
3.5
V
Minimum Output Voltage
0.5
V
PWM CORE
Duty Cycle Matching
IISENxP = 60µA, RSLOPE = 30.1k, fS = 250kHz,
VCOMP = 2V, 4-phase, TA = +25°C
-6
6
%
Zero Crossing Detection (ZCD) Threshold for
PWM1/PWM2
RSEN1, 2 = 750Ω
3mV
Leading Edge Blanking (Audio Mode)
VMODE = VCC, VPWM_TRI = VCC, VCOMP = 0.5V
Ts/12
(Note 8)
ns
Leading Edge Blanking (Other Mode)
VMODE <4V or VPWM_TRI = GND, VCOMP = 0.5V
130
ns
SLOPE pin Voltage
385
515
650
mV
ISENxN Bias Current
VISENxN = VISENxP, from VIN - 1V to VIN
0.3
µA
ISENxN, ISENxP Common Mode Voltage
Range
VIN > 12V
VIN-5
VIN
V
PWMx OUTPUT
PWMx Output Voltage LOW
IPWMx = -500µA
0.5
V
PWMx Output Voltage HIGH
IPWMx = +500µA
4.5
V
PWMx Tri-State Output Voltage
IPWMx = ±100µA
2.3
2.5
2.7
V
PWMx Pull-Down Current
During Phase Detection Time (t3 on Figure 14), VPWM = 1V
50
µA
PWM3, PWM4 Disable Threshold
During Phase Detection Time (t3 on Figure 14)
3.5
V
PHASE ADDING/DROPPING
MODE Pull-up Current
VMODE = 2.4V
4.2
5.1
5.6
µA
VIOUT Threshold, 4-phase, Drop Phase 4
VMODE = 1.6V
1.175
1.2
1.225
V
VIOUT Threshold, 4-phase, Drop Phase 3
VMODE = 1.6V
0.775
0.8
0.825
V
VIOUT Threshold, 3-phase, Drop Phase 3
VMODE = 1.8V
1.175
1.2
1.225
V
VIOUT Threshold Hysteresis
40
mV
Phase Drop Disable Threshold at MODE pin
3.5
4V
CURRENT SENSE AND OVERCURRENT PROTECTION
Peak Current Limit for Individual Channel
160
µA
IOUT Current Tolerance
IISENxP = 60µA, 4-phase
173
187
200
µA
Maximum Voltage Limit at IOUT Pin
2.0
V
DMAX PIN
DMAX Threshold, High
3
V
DMAX Threshold, Low
2
V
DMAX Floating Voltage
During Phase Detection Time (t3 on Figure 14)
2.5
V
Electrical Specifications Operating Conditions: VIN = 12V, TA = -40°C to +125°C, unless otherwise specified. Typical specifications are
at TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS


Similar Part No. - ISL78225

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78225 RENESAS-ISL78225 Datasheet
1Mb / 22P
   4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78225ANEZ RENESAS-ISL78225ANEZ Datasheet
1Mb / 22P
   4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
More results

Similar Description - ISL78225

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78225 RENESAS-ISL78225 Datasheet
1Mb / 22P
   4-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78220 RENESAS-ISL78220 Datasheet
1Mb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
logo
Intersil Corporation
ISL78220 INTERSIL-ISL78220 Datasheet
807Kb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
ISL78220ANEZ INTERSIL-ISL78220ANEZ Datasheet
782Kb / 22P
   6-Phase Interleaved Boost PWM Controller with Light Load Efficiency Enhancement
December 24, 2013
ISL6334 INTERSIL-ISL6334 Datasheet
559Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Intersil Corporation
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
562Kb / 30P
   VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
logo
Renesas Technology Corp
ISL6334 RENESAS-ISL6334 Datasheet
1Mb / 31P
   VR11.1, 4-Phase PWM Controller with Light-Load Efficiency Enhancement and Load Current Monitoring Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com