Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28217FBBZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL28217FBBZ
Description  40V Precision Low Power Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28217FBBZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL28217FBBZ Datasheet HTML 4Page - Intersil Corporation ISL28217FBBZ Datasheet HTML 5Page - Intersil Corporation ISL28217FBBZ Datasheet HTML 6Page - Intersil Corporation ISL28217FBBZ Datasheet HTML 7Page - Intersil Corporation ISL28217FBBZ Datasheet HTML 8Page - Intersil Corporation ISL28217FBBZ Datasheet HTML 9Page - Intersil Corporation ISL28217FBBZ Datasheet HTML 10Page - Intersil Corporation ISL28217FBBZ Datasheet HTML 11Page - Intersil Corporation ISL28217FBBZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ISL28117, ISL28217, ISL28417
8
October 13, 2011
FN6632.8
in
Current Noise Density
f = 1kHz
0.1
pA/
√Hz
THD + N
Total Harmonic Distortion
1kHz, G = 1, VO = 3.5VRMS, RL = 2kΩ
0.0009
%
1kHz, G = 1, VO = 3.5VRMS, RL = 10kΩ
0.0005
%
TRANSIENT RESPONSE
SR
Slew Rate, VOUT 20% to 80%
AV = 11, RL = 2kΩ, VO = 4VP-P
0.5
V/µs
tr, tf,
Small Signal
Rise Time
10% to 90% of VOUT
AV = 1, VOUT = 50mVP-P,
RL = 10kΩ to VCM
130
ns
Fall Time
90% to 10% of VOUT
AV = 1, VOUT = 50mVP-P, RL = 10kΩ to VCM
130
ns
ts
Settling Time to 0.1%
10V Step; 10% to VOUT
AV = -1, VOUT = 10VP-P, RL = 5kΩ to VCM
21
µs
Settling Time to 0.01%
10V Step; 10% to VOUT
AV = -1, VOUT = 10VP-P, RL = 5kΩ to VCM
24
µs
Settling Time to 0.1%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P, RL = 5kΩ to VCM
13
µs
Settling Time to 0.01%
4V Step; 10% to VOUT
AV = -1, VOUT = 4VP-P, RL = 5kΩ to VCM
18
µs
tOL
Output Positive Overload Recovery Time
AV = -100, VIN = 0.2VP-P, RL = 2kΩ to VCM
5.6
µs
Output Negative Overload Recovery Time AV = -100, VIN = 0.2VP-P, RL = 2kΩ to VCM
10.6
µs
Electrical Specifications VS ± 5V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT
VOS
Input Offset Voltage, SOIC Package
ISL28x17 B Grade
-50
8
50
µV
-110
110
µV
ISL28x17 C Grade
-100
4
100
µV
-190
190
µV
ISL28417 B Grade
-70
10
70
µV
-120
120
µV
ISL28417 C Grade
-110
10
110
µV
TA = -40°C to +85°C
-160
160
µV
TA = -40°C to +125°C
-200
200
µV
Input Offset Voltage, MSOP Package
ISL28117 B Grade
-70
-10
70
µV
-150
150
µV
ISL28117 C Grade
-150
4
150
µV
-250
250
µV
ISL28217 C Grade
-150
10
150
µV
-250
250
µV
Input Offset Voltage, TDFN Package
ISL28117 B Grade
-75
-10
75
µV
-160
160
µV
ISL28217 B Grade
-70
10
70
µV
-140
140
µV
ISL28x17 C Grade
-150
10
150
µV
-250
250
µV
Electrical Specifications VS ± 15V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -40°C to +125°C.
(Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNIT


Similar Part No. - ISL28217FBBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28217FBBZ INTERSIL-ISL28217FBBZ Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28217FBBZ INTERSIL-ISL28217FBBZ Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28217FBBZ INTERSIL-ISL28217FBBZ Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28217FBBZ INTERSIL-ISL28217FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL28217FBBZ INTERSIL-ISL28217FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
More results

Similar Description - ISL28217FBBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_10 Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
   Rad Hard 40V Quad Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com