Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BBY35F Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BBY35F
Description  Silicon Tuning Varactor (Hyperabrupt junction tuning diode Frequency linear tuning range 4 12 V)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BBY35F Datasheet(HTML) 2 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semiconductor Group
2
BBY 35 F
BBY 35 F
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
pF
Diode capacitance
VR1 = 4 V, f = 1 MHz
VR2 = 20 V, f = 1 MHz
CT
8.5
2.1
10
2.4
Capacitance ratio
VR1 = 4 V, VR2 = 20 V
CT4
CT20
3.5
Figure of merit
VR = 4 V, f = 50 MHz
Q
250
350
V
Breakdown voltage
IR = 10
µA
V(BR)
22
nA
Reverse current
VR = 20 V
IR
––10


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn