Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54233IRTZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL54233IRTZ-T
Description  Wideband Differential 3:1 Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54233IRTZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL54233IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54233IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54233IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54233IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54233IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54233IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54233IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54233IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54233IRTZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ISL54233
6
FN7918.0
December 21, 2011
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite logic
sense.
FIGURE 3A. ADDRESS tTRANS MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 3B. ADDRESS tTRANS TEST CIRCUIT
FIGURE 3. SWITCHING TIMES
FIGURE 4A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray capacitance.
FIGURE 4B. TEST CIRCUIT
FIGURE 4. BREAK-BEFORE-MAKE TIME
FIGURE 5. rON TEST CIRCUIT
FIGURE 6. CAPACITANCE TEST CIRCUIT
50%
tr < 20ns
tf < 20ns
tOFF
90%
VC0,C1
0V
VINPUT
VC0,C1
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
V
OUT
V
(INPUT)
R
L
R
L
r
ON
+
------------------------
=
SWITCH
INPUT
LOGIC
VOUT
RL
CL
COMx
C0, C1
50
Ω
10pF
GND
VDD
C
VINPUT
INPUT
90%
VC0
VC1
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
LOGIC
C0, C1
COMx
RL
CL
VOUT
10pF
50
Ω
2D- OR 2D+
1D- OR 1D+
VDD
GND
VINPUT
C
INPUT
3D- OR 3D+
VDD
C
0V
xD- OR xD+
COMx
C0
GND
VD- OR VD+
V1
rON = V1/17mA
17mA
Repeat test for all switches.
C1
VDD
VDD
C
GND
xD- OR xD+
COMx
VCx
IMPEDANCE
ANALYZER
VCxL OR
Repeat test for all switches.
CTRL
VCxH


Similar Part No. - ISL54233IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54233IRTZ-T INTERSIL-ISL54233IRTZ-T Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Renesas Technology Corp
ISL54233IRTZ-T RENESAS-ISL54233IRTZ-T Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233IRTZ-T7A INTERSIL-ISL54233IRTZ-T7A Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
More results

Similar Description - ISL54233IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54233 RENESAS-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233IRTZ-T7A INTERSIL-ISL54233IRTZ-T7A Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Micrel Semiconductor
SY10E457 MICREL-SY10E457_06 Datasheet
63Kb / 4P
   TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com