Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9111H50ZEVAL1Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9111H50ZEVAL1Z
Description  Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9111H50ZEVAL1Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9111H50ZEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL9111H50ZEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL9111H50ZEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL9111H50ZEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL9111H50ZEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL9111H50ZEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL9111H50ZEVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL9111H50ZEVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL9111H50ZEVAL1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ISL9111, ISL9111A
8
FN7602.3
December 7, 2011
Detailed Description
Current Mode PWM Operation
The control scheme of the device is based on the peak current
mode control, and the control loop is compensated internally.
The peak current of the N-channel MOSFET switch is sensed to
limit the maximum current flowing through the switch and the
inductor. The typical current limit is set to 1A.
The control circuit includes ramp generator, slope compensator,
error amplifier, PWM comparator (see block diagrams on page 2
and page 3). The ramp signal is derived from the inductor
current. This ramp signal is then compared to the error amplifier
output to generate the PWM gating signals for driving both
N-channel and P-channel MOSFETs. The PWM operation is
initialized by the clock from the internal oscillator (typical
1.2MHz). The N-channel MOSFET is turned on at the beginning of
a PWM cycle, the P-channel MOSFET remains off, and the current
starts ramping up. When the sum of the ramp and the slope
compensator output reaches the error amplifier output voltage,
the PWM comparator outputs a signal to turn off the N-channel
MOSFET. Here, both MOSFETs remain off during the dead-time
interval, and then the P-channel MOSFET is turned on and
remains on until the end of this PWM cycle. During this time, the
inductor current ramps down until the next clock. At this point,
following a short dead time, the N-channel MOSFET is again
turned on, repeating as previously described.
Skip Mode Operation
The device is capable of operating in two different modes. When
the inductor current is sensed to cross zero for eight consecutive
times, the converter enters skip mode. In skip mode, each pulse
cycle is still synchronized by the PWM clock. The N-channel
MOSFET is turned on at the rising edge of the clock and turned
off when the inductor peak current reaches typically 25% of the
current limit. Then the P-channel MOSFET is turned on, and it
stays on until its current goes to zero. Subsequently, both
N-channel and P-channel MOSFETs are turned off until the next
clock cycle starts, at which time the N-channel MOSFET is turned
on again. When VOUT is 1.5% typically higher than the nominal
output voltage, the N-channel MOSFET is immediately turned off
and the P-channel MOSFET is turned on until the inductor current
goes to zero. The N-channel MOSFET resumes operation when
VFB falls back to its nominal value, repeating the previous
operation. The converter returns to 1.2MHz PWM mode
operation when VFB drops 1.5% below its nominal voltage.
Given the skip mode algorithm incorporated in the ISL9111 and
ISL9111A, the average value of the output voltage is
approximately 0.75% higher than the nominal output voltage
under PWM operation. This positive offset improves the load
transient response when switching from skip mode to PWM
mode operation. The ripple on the output voltage is typically
1.5%*VOUT(nominal) when input voltage is sufficiently lower than
output voltage, and it increases as input voltage approaches
output voltage. Figure 9 shows the ripple voltage versus input
voltage.
Synchronous Rectifier
The ISL9111 and ISL9111A integrate one N-channel MOSFET
and one P-channel MOSFET to realize synchronous boost
converters. Because the commonly used discrete Schottky
rectifier is replaced with the low rDS(ON) P-channel MOSFET, the
power conversion efficiency reaches a value above 90%. Since a
typical step-up converter has a conduction path from the input to
the output via the body diode of the P-channel MOSFET, a special
circuit (see Block Diagrams on page 2 and page 3) is used to
reverse the polarity of the P-channel body diode when the part is
shut down. This configuration completely disconnects the load
from the input during shutdown of the converter. The benefit of
this feature is that the battery will not be completely depleted
during shutdown of the converter. No additional components are
needed to disconnect the battery from the output of the
converter.
Minimum Startup and Minimum Operating
Voltage
The ISL9111 and ISL9111A address applications with
rechargeable and non-rechargeable battery cells.
1. The ISL9111 has a UVLO feature. The part can start up with a
0.8V typical input voltage and internally shut off when the
battery drops below 0.7V to protect a rechargeable battery
from over-discharge.
FIGURE 5A. POWER SUPPLY SOLUTION FOR 5.25V OUTPUT VOLTAGE
FIGURE 5B. EFFICIENCY AT VOUT = 5.25V
Typical Application Circuits (Continued)
SW
EN
GND
FB
VOUT
VIN
6
5
4
3
2
1
4.7µH
4.7µF
4.7µF
VIN
VOUT
923k
166k
5.25V
ISL9111, ISL9111A - ADJ
40
50
60
70
80
90
100
0.1
1.0
10
100
1000
IOUT (mA)
VIN = 1.5V
VIN = 0.9V
VIN = 1.8V
VIN = 3.6V
VIN = 4.2V


Similar Part No. - ISL9111H50ZEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9111H50EV1Z RENESAS-ISL9111H50EV1Z Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
More results

Similar Description - ISL9111H50ZEVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9111 RENESAS-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Intersil Corporation
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
logo
Renesas Technology Corp
ISL9113A RENESAS-ISL9113A Datasheet
737Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL78113A RENESAS-ISL78113A Datasheet
859Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113 INTERSIL-ISL9113 Datasheet
703Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
February 23, 2015
ISL78113AARAZ-T INTERSIL-ISL78113AARAZ-T Datasheet
571Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
May 1, 2014
logo
Shenzhen Huazhimei Semi...
HM6380 HMSEMI-HM6380 Datasheet
1Mb / 13P
   Low-power, high-efficiency synchronous boost converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
   High efficiency synchronous boost converter
logo
Diodes Incorporated
AP72250 DIODES-AP72250 Datasheet
804Kb / 2P
   Synchronous Boost Converter with Ultra Low Input Voltage Enables 5A Switch Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com