Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BBY34C Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BBY34C
Description  Silicon Tuning Varactors (Hyperabrupt junction tuning diode Frequency linear tuning range 4 12 V)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BBY34C Datasheet(HTML) 2 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BBY 34 C
BBY 34 D
BBY 34 C
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
BBY 34 C
pF
Diode capacitance
VR = 2 V, f = 1 MHz
VR = 10 V, f = 1 MHz
CT
3.4
1.7
nA
Reverse current
VR = 20 V
IR
––10
pF
Diode capacitance
VR = 4 V, f = 1 MHz
CT
3.2
3.8
Capacitance ratio
VR1 = 2 V, VR2 = 20 V
CT2
CT20
4.3
Figure of merit
VR = 4 V, f = 50 MHz
Q
400
BBY 34 D
Capacitance ratio
VR1 = 4 V, VR2 = 20 V
CT4
CT20
2.7
Figure of merit
VR = 4 V, f = 50 MHz
Q
400
nA
Reverse current
VR = 20 V
IR
––10


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn