Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP21107DR-26-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP21107DR-26-E3
Description  150-mA Low Noise, Low Dropout Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP21107DR-26-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP21107DR-26-E3 Datasheet HTML 1Page - Vishay Siliconix SIP21107DR-26-E3 Datasheet HTML 2Page - Vishay Siliconix SIP21107DR-26-E3 Datasheet HTML 3Page - Vishay Siliconix SIP21107DR-26-E3 Datasheet HTML 4Page - Vishay Siliconix SIP21107DR-26-E3 Datasheet HTML 5Page - Vishay Siliconix SIP21107DR-26-E3 Datasheet HTML 6Page - Vishay Siliconix SIP21107DR-26-E3 Datasheet HTML 7Page - Vishay Siliconix SIP21107DR-26-E3 Datasheet HTML 8Page - Vishay Siliconix SIP21107DR-26-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Vishay Siliconix
SiP21106, SiP21107, SiP21108
Document Number: 74442
S09-1047-Rev. G, 08-Jun-09
www.vishay.com
1
150-mA Low Noise, Low Dropout Regulator
DESCRIPTION
The SiP21106 BiCMOS 150 mA low noise LDO voltage
regulators are the perfect choice for low battery operated low
powered applications. An ultra low ground current and low
dropout voltage of 135 mV at 150 mA load helps to extend
battery life for portable electronics. Systems requiring a quiet
voltage source, such as RF applications, will benefit from the
SiP21106 low output noise.
The SiP21107 do not require a noise bypass capacitor and
provides an error flag pin (POK or Power OK). POK output
requires an external pull-up resistor and goes low when the
supply has not come up to voltage.
The SiP21108 output is adjusted with an external resistor
network.
The SiP21106, SiP21107, SiP21108 regulators allow stable
operation with very small ceramic output capacitors,
reducing board space and component cost. They are
designed to maintain regulation while delivering 330 mA
peak current upon turn-on. During start-up, an active
pull-down circuit improves the output transient response and
regulation. In shutdown mode, the output automatically
discharges to ground through a 100
Ω NMOS.
The SiP21106, SiP21107, SiP21108 are available in
TSOT23-5L a super thin lead (Pb)-free TSC75-6L and
SC70-5L packages for operation over the industrial operation
range (- 40 °C to 85 °C).
FEATURES
SC70-5L (2.1 mm x 2.1 mm x 0.95 mm)
TSOT23-5L (3.05 mm x 2.85 mm x 1.0 mm)
TSC75-6L package (1.6 mm x 1.6 mm
x 0.55 mm), TSOT23-5L and SC70-5L
Package Options
1.0 % output voltage accuracy at 25 °C
Low dropout voltage: 135 mV at 150 mA
SiP21106 low noise: 60 µV(rms) (10 Hz to 100 kHz
bandwidth) with 10 nF over full load range
35 µA (typical) ground current at 1 mA load
1 µA maximum shutdown current at 85 °C
Output auto discharge at shutdown mode
Built-in short circuit (330 mA typical) and thermal
protection (160 °C typical)
SiP21108 adjustable output voltage
SiP21107 POK Error Flag
- 40 °C to + 125 °C junction temperature range for
operation
Uses low ESR ceramic capacitors
Fixed voltage output 1.2 V to 5 V in 50 mV steps
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Cellular phones, wireless handsets
•PDAs
MP3 players
Digital cameras
Pagers
Wireless modem
Noise-sensitive electronic systems
TYPICAL APPLICATION CIRCUIT
CBypass = 10 nF
BP
EN
GND
VIN
VOUT
4
5
2
3
1
COUT = 1 µF
VOUT
CIN = 1 µF
VIN
EN
SiP21106
TSOT23-5L/SC70-5LPackage
TSC75-6L Package
CBypass = 10 nF
VOUT
NC
VIN
GND
EN
BP
COUT = 1 µF
VOUT
CIN = 1 µF
VIN
EN
SiP21106
RoHS
COMPLIANT


Similar Part No. - SIP21107DR-26-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21107DR-26-E3 VISHAY-SIP21107DR-26-E3 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
More results

Similar Description - SIP21107DR-26-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com