Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6146C Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6146C
Description  Low Voltage ORing FET Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6146C Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6146C Datasheet HTML 1Page - Intersil Corporation ISL6146C Datasheet HTML 2Page - Intersil Corporation ISL6146C Datasheet HTML 3Page - Intersil Corporation ISL6146C Datasheet HTML 4Page - Intersil Corporation ISL6146C Datasheet HTML 5Page - Intersil Corporation ISL6146C Datasheet HTML 6Page - Intersil Corporation ISL6146C Datasheet HTML 7Page - Intersil Corporation ISL6146C Datasheet HTML 8Page - Intersil Corporation ISL6146C Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ISL6146
5
FN7667.0
December 16, 2011
Absolute Maximum Ratings
Thermal Information
BIAS, VIN, VOUT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +24V
GATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 40V
EN, EN, UVLO, OVP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +24V
ADJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VOUT
FAULT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VOUT
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . .2.5kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 250V
Latch Up (Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
MSOP Package (Notes 5, 8) . . . . . . . . . . . .
140
41
DFN Package (Notes 6, 7) . . . . . . . . . . . . . .
46
5
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pb free/Pb-FreeReflow.asp
Recommended Operating Conditions
Bias Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3V to +20V
OR’d Supply Voltage Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1V to BIAS
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
7. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
8. For
θJC, the “case temp” location is taken at the package top center
Electrical Specifications VCC = BIAS = 12V, unless otherwise stated. TA = +25°C to +85°C. Boldface limits apply over the operating
temperature range, -40°C to +125°C.
SYMBOL
PARAMETERS
TEST CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS
BIAS
PORL2H
POR Rising
BIAS Rising, GATE Rising
1.9
2.5
2.95
V
PORHYS
POR Hysteresis
189
mV
IBIAS_en_18
ISL6146A/B BIAS Current
BIAS, VIN = 18V, ADJ, VOUT = 16.98V, enabled
3.6
5
mA
IVIN_en_18
ISL6146A/B VIN Current
BIAS, VIN = 18V, ADJ, VOUT = 16.98V, enabled
25
40
µA
IVIN_en_18
ISL6146C VIN Current
VIN = 18V, ADJ, VOUT = 16.98V, enabled
3
4.5
mA
IVOUT_en_18
ISL6146A/B VOUT Current
BIAS, VIN = 18V, VOUT = 16.98V, enabled
14
20
µA
VOUT_en_18
ISL6146C VOUT Current
VIN = 18V, VOUT = 16.98V, enabled
400
500
µA
IBIAS_den_18 ISL6146A/B BIAS Current
BIAS, VIN = 18V, ADJ, VOUT = 16.98V, disabled
1.7
3
mA
IVIN_den_18
ISL6146A/B VIN Current
BIAS, VIN = 18V, ADJ, VOUT = 16.98V, disabled
27
37
µA
IVIN_den_18
ISL6146C VIN Current
VIN = 18V, ADJ, VOUT = 16.98V, disabled
1.3
1.5
mA
IVOUT_den_18 ISL6146A/B VOUT Current
BIAS, VIN = 18V, VOUT = 16.98V, disabled
14
20
µA
IVOUT_den_18 ISL6146C VOUT Current
VIN = 18V, VOUT = 16.98V, disabled
385
500
µA
tBIAS2GTE
BIAS to GATE Delay
BIAS > PORL2H to GATE Rising
150
210
µs
GATE
VGH_3
Charge Pump Voltage
VIN, BIAS = 3V VIN - VOUT > VFWD_HR
VIN+5V
VIN +7V
VIN+10.5V
V
VGH_12
Charge Pump Voltage
VIN, BIAS = 12V VIN - VOUT > VFWD_HR
VIN+9V VIN +10V VIN+17.5V
V
VGH_18
Charge Pump Voltage
VIN, BIAS = 18V VIN - VOUT > VFWD_HR
VIN+9V VIN +10V
VIN+18V
V
VGL
Low Voltage Level
VIN - VOUT < 0V
0
0.1
V
IPDL
Low Pull-Down Current
VIN = 12V, VOUT = 12.2V ADJ = 11V
5
8.4
13
mA
IPDH
High Pull-Down Current
VIN falling from 12V to 10V in 2µs
3.5
6.5
A


Similar Part No. - ISL6146C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6146C INTERSIL-ISL6146C Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Renesas Technology Corp
ISL6146C RENESAS-ISL6146C Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Intersil Corporation
ISL6146CEVAL1Z INTERSIL-ISL6146CEVAL1Z Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
ISL6146CEVAL1Z INTERSIL-ISL6146CEVAL1Z Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
ISL6146CFRZ INTERSIL-ISL6146CFRZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
More results

Similar Description - ISL6146C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6144 INTERSIL-ISL6144 Datasheet
1Mb / 29P
   High Voltage ORing MOSFET Controller
logo
Renesas Technology Corp
ISL6144 RENESAS-ISL6144 Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
logo
Intersil Corporation
ISL6144 INTERSIL-ISL6144_07 Datasheet
874Kb / 29P
   High Voltage ORing MOSFET Controller
ISL6144IVZA INTERSIL-ISL6144IVZA Datasheet
1Mb / 30P
   High Voltage ORing MOSFET Controller
October 6, 2011
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
logo
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
   ACTIVE ORING CONTROLLER MODULE
logo
International Rectifier
IR5001 IRF-IR5001 Datasheet
226Kb / 13P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com