Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6208 Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL6208
Description  High Voltage Synchronous Rectified Buck MOSFET Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6208 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL6208_11 Datasheet HTML 5Page - Intersil Corporation ISL6208_11 Datasheet HTML 6Page - Intersil Corporation ISL6208_11 Datasheet HTML 7Page - Intersil Corporation ISL6208_11 Datasheet HTML 8Page - Intersil Corporation ISL6208_11 Datasheet HTML 9Page - Intersil Corporation ISL6208_11 Datasheet HTML 10Page - Intersil Corporation ISL6208_11 Datasheet HTML 11Page - Intersil Corporation ISL6208_11 Datasheet HTML 12Page - Intersil Corporation ISL6208_11 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
ISL6208, ISL6208B
13
FN9115.5
November 22, 2011
Package Outline Drawing
M8.15
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
Rev 3, 3/11
DETAIL "A"
TOP VIEW
INDEX
AREA
12
3
-C-
SEATING PLANE
x 45°
NOTES:
1. Dimensioning and tolerancing per ANSI Y14.5M-1982.
2. Package length does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
3. Package width does not include interlead flash or protrusions. Interlead
flash and protrusions shall not exceed 0.25mm (0.010 inch) per side.
4. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
5. Terminal numbers are shown for reference only.
6. The lead width as measured 0.36mm (0.014 inch) or greater above the
seating plane, shall not exceed a maximum value of 0.61mm (0.024 inch).
7. Controlling dimension: MILLIMETER. Converted inch dimensions are not
necessarily exact.
8. This outline conforms to JEDEC publication MS-012-AA ISSUE C.
SIDE VIEW “A
SIDE VIEW “B”
1.27 (0.050)
6.20 (0.244)
5.80 (0.228)
4.00 (0.157)
3.80 (0.150)
0.50 (0.20)
0.25 (0.01)
5.00 (0.197)
4.80 (0.189)
1.75 (0.069)
1.35 (0.053)
0.25(0.010)
0.10(0.004)
0.51(0.020)
0.33(0.013)
0.25 (0.010)
0.19 (0.008)
1.27 (0.050)
0.40 (0.016)
1.27 (0.050)
5.20(0.205)
1
2
3
4
5
6
7
8
TYPICAL RECOMMENDED LAND PATTERN
2.20 (0.087)
0.60 (0.023)


Similar Part No. - ISL6208_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208_13 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6208_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208CB-T INTERSIL-ISL6208CB-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208C INTERSIL-ISL6208C Datasheet
336Kb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208 INTERSIL-ISL6208_13 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
ISL6208BCRZ-T INTERSIL-ISL6208BCRZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
January 31, 2012
ISL6208CBZ-T INTERSIL-ISL6208CBZ-T Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6208C RENESAS-ISL6208C Datasheet
594Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
ISL6208CHRZ INTERSIL-ISL6208CHRZ Datasheet
338Kb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
November 29, 2012
ISL6208CBZ INTERSIL-ISL6208CBZ Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
July 14, 2014
logo
Renesas Technology Corp
ISL6208 RENESAS-ISL6208 Datasheet
1Mb / 13P
   High Voltage Synchronous Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com