Electronic Components Datasheet Search |
|
SIP21106DR-25-E3 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
SIP21106DR-25-E3 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 19 page Vishay Siliconix SiP21106, SiP21107, SiP21108 Document Number: 74442 S09-1047-Rev. G, 08-Jun-09 www.vishay.com 1 150-mA Low Noise, Low Dropout Regulator DESCRIPTION The SiP21106 BiCMOS 150 mA low noise LDO voltage regulators are the perfect choice for low battery operated low powered applications. An ultra low ground current and low dropout voltage of 135 mV at 150 mA load helps to extend battery life for portable electronics. Systems requiring a quiet voltage source, such as RF applications, will benefit from the SiP21106 low output noise. The SiP21107 do not require a noise bypass capacitor and provides an error flag pin (POK or Power OK). POK output requires an external pull-up resistor and goes low when the supply has not come up to voltage. The SiP21108 output is adjusted with an external resistor network. The SiP21106, SiP21107, SiP21108 regulators allow stable operation with very small ceramic output capacitors, reducing board space and component cost. They are designed to maintain regulation while delivering 330 mA peak current upon turn-on. During start-up, an active pull-down circuit improves the output transient response and regulation. In shutdown mode, the output automatically discharges to ground through a 100 Ω NMOS. The SiP21106, SiP21107, SiP21108 are available in TSOT23-5L a super thin lead (Pb)-free TSC75-6L and SC70-5L packages for operation over the industrial operation range (- 40 °C to 85 °C). FEATURES • SC70-5L (2.1 mm x 2.1 mm x 0.95 mm) • TSOT23-5L (3.05 mm x 2.85 mm x 1.0 mm) • TSC75-6L package (1.6 mm x 1.6 mm x 0.55 mm), TSOT23-5L and SC70-5L Package Options • 1.0 % output voltage accuracy at 25 °C • Low dropout voltage: 135 mV at 150 mA • SiP21106 low noise: 60 µV(rms) (10 Hz to 100 kHz bandwidth) with 10 nF over full load range • 35 µA (typical) ground current at 1 mA load • 1 µA maximum shutdown current at 85 °C • Output auto discharge at shutdown mode • Built-in short circuit (330 mA typical) and thermal protection (160 °C typical) • SiP21108 adjustable output voltage • SiP21107 POK Error Flag • - 40 °C to + 125 °C junction temperature range for operation • Uses low ESR ceramic capacitors • Fixed voltage output 1.2 V to 5 V in 50 mV steps • Compliant to RoHS Directive 2002/95/EC APPLICATIONS • Cellular phones, wireless handsets •PDAs • MP3 players • Digital cameras • Pagers • Wireless modem • Noise-sensitive electronic systems TYPICAL APPLICATION CIRCUIT CBypass = 10 nF BP EN GND VIN VOUT 4 5 2 3 1 COUT = 1 µF VOUT CIN = 1 µF VIN EN SiP21106 TSOT23-5L/SC70-5LPackage TSC75-6L Package CBypass = 10 nF VOUT NC VIN GND EN BP COUT = 1 µF VOUT CIN = 1 µF VIN EN SiP21106 RoHS COMPLIANT |
Similar Part No. - SIP21106DR-25-E3 |
|
Similar Description - SIP21106DR-25-E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |