Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BBY24-BBY27 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BBY24-BBY27
Description  Silicon Tuning Varactors (Abrupt junction tuning diode Tuning range 120 V)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BBY24-BBY27 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semiconductor Group
2
BBY 24
… BBY 27
BBY 24
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
nA
Reverse current
VR = 100 V
IR
––10
pF
Diode capacitance
VR = 0, f = 1 MHz
BBY 24
BBY 25
BBY 26
BBY 27
CT
12
16
20
36
16
20
24
40
Capacitance ratio
VR1 = 0, VR2 = 120 V
BBY 24
BBY 25
BBY 26
BBY 27
CT0
CT120
8.5
9.0
9.5
9.5
Figure of merit
VR = 4 V, f = 50 MHz
Q
200
Slope of characteristics
VR1 = 0, VR2 = 120 V
n
2
2.15


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn