Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BBY24-BBY27 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BBY24-BBY27
Description  Silicon Tuning Varactors (Abrupt junction tuning diode Tuning range 120 V)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BBY24-BBY27 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semiconductor Group
1
Silicon Tuning Varactors
BBY 24
… BBY 27
Maximum Ratings
Type
Ordering Code
Marking
Package1)
Pin Configuration
BBY 24-S1
Q62702-B20-S1
–P
BBY 25-S1
Q62702-B21-S1
BBY 26-S1
Q62702-B22-S1
BBY 27-S2
Q62702-B23-S2
Parameter
Symbol
Unit
Junction temperature
Tj
175
˚C
Tstg
– 55 … + 150
Reverse voltage
VR
120
V
Storage temperature range
Operating temperature range
Top
– 55 … + 150
Values
140
BBY 24 … 26
BBY 27
1)
For detailed information see chapter Package Outlines.
q
Abrupt junction tuning diode
q
Tuning range 120 V


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn