Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB914 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BB914
Description  Silicon Variable Capacitance Diode (For FM radio tuner with extended frequency band High tuning ratio low supply voltage car radio)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BB914 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BB914 Datasheet HTML 1Page - Siemens Semiconductor Group BB914 Datasheet HTML 2Page - Siemens Semiconductor Group BB914 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semiconductor Group
1
Oct-10-1996
BB 914
Silicon Variable Capacitance Diode
• For FM radio tuner with extended frequency band
• High tuning ratio low supply voltage (car radio)
• Monolitic chip (common cathode) for perfect
dual diode tracking
• Good linearity of C-V curve
• High figure of merit
Type
Marking Ordering Code
Pin Configuration
Package
BB 914
SMs
Q62702-B673
1 = A1
2 = A2
3=C1/2
SOT-23
Maximum Ratings
Parameter
Symbol
Values
Unit
Diode reverse voltage
VR
18
V
Peak reverse voltage
VRM
20
Forward current,
TA ≤ 60°C
IF
50
mA
Operating temperature range
Top
- 55 ... + 125
°C
Storage temperature
Tstg
- 55 ... + 150
Thermal Resistance
Junction - ambient
RthJA
≤ 600
K/W


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn