Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR404DP Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SIR404DP
Description  N-Channel 20-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR404DP Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SIR404DP Datasheet HTML 5Page - Vishay Siliconix SIR404DP Datasheet HTML 6Page - Vishay Siliconix SIR404DP Datasheet HTML 7Page - Vishay Siliconix SIR404DP Datasheet HTML 8Page - Vishay Siliconix SIR404DP Datasheet HTML 9Page - Vishay Siliconix SIR404DP Datasheet HTML 10Page - Vishay Siliconix SIR404DP Datasheet HTML 11Page - Vishay Siliconix SIR404DP Datasheet HTML 12Page - Vishay Siliconix SIR404DP Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Vishay Siliconix
AN821
Document Number 71622
28-Feb-06
www.vishay.com
3
THERMAL PERFORMANCE
Introduction
A basic measure of a device’s thermal performance is
the junction-to-case thermal resistance, R
θ
jc, or the
junction-to-foot thermal resistance, R
θ
jf. This parameter
is measured for the device mounted to an infinite heat
sink and is therefore a characterization of the device
only, in other words, independent of the properties of the
object to which the device is mounted. Table 1 shows a
comparison of the DPAK, PowerPAK SO-8, and stan-
dard SO-8. The PowerPAK has thermal performance
equivalent to the DPAK, while having an order of magni-
tude better thermal performance over the SO-8.
Thermal Performance on Standard SO-8 Pad Pattern
Because of the common footprint, a PowerPAK SO-8
can be mounted on an existing standard SO-8 pad pat-
tern. The question then arises as to the thermal perfor-
mance of the PowerPAK device under these conditions.
A characterization was made comparing a standard SO-8
and a PowerPAK device on a board with a trough cut out
underneath the PowerPAK drain pad. This configuration
restricted the heat flow to the SO-8 land pads. The
results are shown in Figure 5.
Because of the presence of the trough, this result sug-
gests a minimum performance improvement of 10 °C/W
by using a PowerPAK SO-8 in a standard SO-8 PC
board mount.
The only concern when mounting a PowerPAK on a
standard SO-8 pad pattern is that there should be no
traces running between the body of the MOSFET.
Where the standard SO-8 body is spaced away from the
pc board, allowing traces to run underneath, the Power-
PAK sits directly on the pc board.
Thermal Performance - Spreading Copper
Designers may add additional copper, spreading cop-
per, to the drain pad to aid in conducting heat from a
device. It is helpful to have some information about the
thermal performance for a given area of spreading cop-
per.
Figure 6 shows the thermal resistance of a PowerPAK
SO-8 device mounted on a 2-in. 2-in., four-layer FR-4
PC board. The two internal layers and the backside layer
are solid copper. The internal layers were chosen as
solid copper to model the large power and ground
planes common in many applications. The top layer was
cut back to a smaller area and at each step junction-to-
ambient thermal resistance measurements were taken.
The results indicate that an area above 0.3 to 0.4 square
inches of spreading copper gives no additional thermal
performance improvement. A subsequent experiment
was run where the copper on the back-side was
reduced, first to 50 % in stripes to mimic circuit traces,
and then totally removed. No significant effect was
observed.
TABLE 1.
DPAK and PowerPAK SO-8
Equivalent Steady State Performance
DPAK
PowerPAK
SO-8
Standard
SO-8
Thermal
Resistance R
θ
jc
1.2 °C/W
1.0 °C/W
16 °C/W
Figure 5. PowerPAK SO-8 and Standard SO-0 Land Pad Thermal Path
Si4874DY vs. Si7446DP PPAK on a 4-Layer Board
SO-8 Pattern, Trough Under Drain
Pulse Duration (sec)
0.0001
0
1
50
60
10
10000
0.01
40
20
Si4874DY
Si7446DP
100
30
Figure 6. Spreading Copper Junction-to-Ambient Performance
Rth vs. Spreading Copper
(0 %, 50 %, 100 % Back Copper)
0.00
56
51
46
41
36
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0 %
50 %
100 %


Similar Part No. - SIR404DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR404DP VISHAY-SIR404DP Datasheet
361Kb / 13P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIR404DP-T1-GE3 VISHAY-SIR404DP-T1-GE3 Datasheet
361Kb / 13P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SIR404DP VISHAY-SIR404DP_V01 Datasheet
361Kb / 13P
   N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIR404DP

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com