Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIR330DP-T1-GE3 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SIR330DP-T1-GE3
Description  N-Channel 30 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR330DP-T1-GE3 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SIR330DP-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIR330DP-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIR330DP-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIR330DP-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIR330DP-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SIR330DP-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix SIR330DP-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix SIR330DP-T1-GE3 Datasheet HTML 12Page - Vishay Siliconix SIR330DP-T1-GE3 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.vishay.com
4
Document Number 71622
28-Feb-06
Vishay Siliconix
AN821
SYSTEM AND ELECTRICAL IMPACT OF
PowerPAK SO-8
In any design, one must take into account the change in
MOSFET rDS(on) with temperature (Figure 7).
A MOSFET generates internal heat due to the current
passing through the channel. This self-heating raises
the junction temperature of the device above that of the
PC board to which it is mounted, causing increased
power dissipation in the device. A major source of this
problem lies in the large values of the junction-to-foot
thermal resistance of the SO-8 package.
PowerPAK SO-8 minimizes the junction-to-board ther-
mal resistance to where the MOSFET die temperature is
very close to the temperature of the PC board. Consider
two devices mounted on a PC board heated to 105 °C
by other components on the board (Figure 8).
Suppose each device is dissipating 2.7 W. Using the
junction-to-foot thermal resistance characteristics of the
PowerPAK SO-8 and the standard SO-8, the die tem-
perature is determined to be 107 °C for the PowerPAK
(and for DPAK) and 148 °C for the standard SO-8. This
is a 2 °C rise above the board temperature for the Pow-
erPAK and a 43 °C rise for the standard SO-8. Referring
to Figure 7, a 2 °C difference has minimal effect on
rDS(on) whereas a 43C difference has a significant effect
on rDS(on).
Minimizing the thermal rise above the board tempera-
ture by using PowerPAK has not only eased the thermal
design but it has allowed the device to run cooler, keep
rDS(on) low, and permits the device to handle more cur-
rent than the same MOSFET die in the standard SO-8
package.
CONCLUSIONS
PowerPAK SO-8 has been shown to have the same
thermal performance as the DPAK package while hav-
ing the same footprint as the standard SO-8 package.
The PowerPAK SO-8 can hold larger die approximately
equal in size to the maximum that the DPAK can accom-
modate implying no sacrifice in performance because of
package limitations.
Recommended PowerPAK SO-8 land patterns are pro-
vided to aid in PC board layout for designs using this
new package.
Thermal considerations have indicated that significant
advantages can be gained by using PowerPAK SO-8
devices in designs where the PC board was laid out for
the standard SO-8. Applications experimental data gave
thermal performance data showing minimum and typical
thermal performance in a SO-8 environment, plus infor-
mation on the optimum thermal performance obtainable
including spreading copper. This further emphasized the
DPAK equivalency.
PowerPAK SO-8 therefore has the desired small size
characteristics of the SO-8 combined with the attractive
thermal characteristics of the DPAK package.
Figure 7. MOSFET rDS(on) vs. Temperature
Figure 8. Temperature of Devices on a PC Board
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 23 A
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (°C)
0.8 °C/W
107 °C
PowerPAK SO-8
16 C/W
148 °C
Standard SO-8
PC Board at 105 °C


Similar Part No. - SIR330DP-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SIR330DP TFUNK-SIR330DP Datasheet
339Kb / 13P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - SIR330DP-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com