Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB857 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BB857
Description  Silicon Tuning Diode (For SAT-indoor-units High capacitance ratio Low series inductance)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BB857 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BB857 Datasheet HTML 1Page - Siemens Semiconductor Group BB857 Datasheet HTML 2Page - Siemens Semiconductor Group BB857 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BB 857
Semiconductor Group
Mar-27-1998
1
Silicon Tuning Diode
• For SAT-indoor-units
• High capacitance ratio
• Low series inductance
• Low series resistance
• Extremely small plastic SMD package
• Excellent uniformity and matching due to
"in-line" matching assembly procedure
1
VES05991
2
Type
Marking Ordering Code
Pin Configuration Package
BB 857
BB 857
O
O
Q62702-B0897
unmatched
Q62702-B0893
inline matched
1 = C
2 = A
SCD-80
Maximum Ratings
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
30
V
Peak reverse voltage (
R
≥ 5kΩ)
VRM
35
Forward current
IF
20
mA
Operating temperature range
Top
-55 ...+150
°C
Storage temperature
Tstg
-55 ...+150
Semiconductor Group
1
1998-11-01


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BB555 Silicon Tuning Diode For UHF-TV-tuners High capacitance ratio Low series inductance 1  2  3  4  Siemens Semiconductor Group
BB659 Silicon Tuning Diode For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1  2  3  Siemens Semiconductor Group
BB689 Silicon Tuning Diode For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series inductance Low series resistance 1  2  3  Siemens Semiconductor Group
BB565 Silicon Variable Capacitance Diode For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1  2  3  4  Siemens Semiconductor Group
BBY57-02W Silicon Tuning Diode Excellent linearity High Q hyperabrupt tuning diode Low series inductance High capacitance ratio 1  2  3  Siemens Semiconductor Group
BB644 Silicon Variable Capacitance Diode For VHF TV-tuners High capacitance ratio Low series inductance 1  2  3  Siemens Semiconductor Group
BB659C Silicon Variable Capacitance Diode For VHF-TV-tuners High capacitance ratio Low series inductance Low series resistance 1  2  3  Siemens Semiconductor Group
BB664 Silicon Variable Capacitance Diode For VHF TV-tuners High capacitance ratio Low series inductance Low series resistance 1  2  3  Siemens Semiconductor Group
BB669 Silicon Tuning Diode For VHF 2-Band-hyperband-TV-tuners Very high capacitance ratio Low series resistance 1  2  3  Siemens Semiconductor Group
BB545 Silicon Tuning Diode For tuning UHF and VHF TV Tuners Large capacitance ratio low series resistance 1  2  3  Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn