Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB837 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BB837
Description  Silicon Tuning Diode (Extented frequency range up to 2.8 GHz special design for use in TV-sat indoor units)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BB837 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BB 837
Semiconductor Group
Mar-27-1998
2
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Reverse current
VR = 30 V
IR
-
-
10
nA
Reverse current
VR = 30 V, TA = 85 °C
IR
-
-
200
AC characteristics
pF
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 25 V, f = 1 MHz
VR = 28 V, f = 1 MHz
6
-
0.45
7.2
-
0.65
6.6
0.55
0.54
CT
CT1/CT25
Capacitance ratio
VR = 1 V, VR = 25 V, f = 1 MHz
-
12
-
-
CT1/CT28
Capacitance ratio
VR = 1V to 28V, f = 1 MHz
9.7
-
12.2
%
Capacitance matching
VR = 1V to 28V, f = 1 MHz
-
-
∆C
T/CT
5
Series resistance
VR = 1 V, f = 470 MHz
rs
-
1.5
-
Series inductance
Ls
-
1.4
-
nH


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BB835Silicon Tuning Diode Extended frequency range up to 2.8 Ghz ; special design for use in TV-sat indoor units 1 2 Siemens Semiconductor Group
BB833Silicon Tuning Diode Extented frequency range up to 2.5 GHz; special design for use in TV-SAT indoor units 1 2 Siemens Semiconductor Group
BB831Silicon Variable Capacitance Diode Frequency range up to 2 GHz special design for use in TV-sat indoor units 1 2 3 Siemens Semiconductor Group
BB811Silicon Variable Capacitance Diode Frequency range up to 2 GHz; special design for use in TV-sat indoor units 1 2 Siemens Semiconductor Group
BAR80Silicon RF Switching Diode Design for use in shunt configuration Hight shunt signal isolation Low shunt insertion loss 1 2 3 4 Siemens Semiconductor Group
BB112Silicon Variable Capacitance Diode For AM tuning applications Specified tuning range 1 8.0 V 1 2 3 Siemens Semiconductor Group
BAR81Preliminary data Silicon RF Switching Diode Design for use in shunt configuration High shunt signal isolation Low shunt insertion loss 1 2 3 Siemens Semiconductor Group
BAR81WSilicon RF Switching Diode Preliminary data Design for use in shunt configuration High shunt signal isolation Low shunt insertion loss 1 2 3 4 Siemens Semiconductor Group
BAR64-02WSilicon PIN Diode High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz 1 2 3 4 Siemens Semiconductor Group
BB512Silicon Variable Capacitance Diode For AM tuning applications Specified tuning range 1 8 V 1 2 3 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn