Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB837 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BB837
Description  Silicon Tuning Diode (Extented frequency range up to 2.8 GHz special design for use in TV-sat indoor units)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BB837 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BB 837
Semiconductor Group
Mar-27-1998
1
Silicon Tuning Diode
Preliminary data
•Extented frequency range up to 2.8 GHz
special design for use in TV-sat indoor units
•High capacitance ratio
Type
Marking
Ordering Code
Pin Configuration Package
BB 837
M
Q62702-B0904
1=C
2=A
SOD-323
Maximum Ratings
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
30
V
Peak reverse voltage (R
≥ 5kΩ)
VRM
35
Forward current
IF
20
mA
Operating temperature range
Top
55 ...+150
°C
Storage temperature
Tstg
55 ...+150


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BB835Silicon Tuning Diode Extended frequency range up to 2.8 Ghz ; special design for use in TV-sat indoor units 1 2 Siemens Semiconductor Group
BB833Silicon Tuning Diode Extented frequency range up to 2.5 GHz; special design for use in TV-SAT indoor units 1 2 Siemens Semiconductor Group
BB831Silicon Variable Capacitance Diode Frequency range up to 2 GHz special design for use in TV-sat indoor units 1 2 3 Siemens Semiconductor Group
BB811Silicon Variable Capacitance Diode Frequency range up to 2 GHz; special design for use in TV-sat indoor units 1 2 Siemens Semiconductor Group
BAR80Silicon RF Switching Diode Design for use in shunt configuration Hight shunt signal isolation Low shunt insertion loss 1 2 3 4 Siemens Semiconductor Group
BB112Silicon Variable Capacitance Diode For AM tuning applications Specified tuning range 1 8.0 V 1 2 3 Siemens Semiconductor Group
BAR81Preliminary data Silicon RF Switching Diode Design for use in shunt configuration High shunt signal isolation Low shunt insertion loss 1 2 3 Siemens Semiconductor Group
BAR81WSilicon RF Switching Diode Preliminary data Design for use in shunt configuration High shunt signal isolation Low shunt insertion loss 1 2 3 4 Siemens Semiconductor Group
BAR64-02WSilicon PIN Diode High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz 1 2 3 4 Siemens Semiconductor Group
BB512Silicon Variable Capacitance Diode For AM tuning applications Specified tuning range 1 8 V 1 2 3 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn