Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SIP42104 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. SIP42104
Description  H-Bridge Driver and Pulse Width Controller for Digital Camera Micro Modules
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SIP42104 Datasheet(HTML) 4 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number: 74633
S-80224-Rev. C, 04-Feb-08
Vishay Siliconix
SiP42104
Notes:
a. “H“ is part identifier and “L” is lot and date code identifier.
b. T1 Tape and Reel orientation with pin1 bottom left hand corner of cavity.
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
Part Number
Marking
Temperature Range
Package
SiP42104DX-T1-E3b
HLa
- 40 °C to 85 °C
SC89-6L (SOT666)
Figure 3.
IN
VDD
1.75 µA
SW1
RC
GND
SW2
H-BRIDGE
DRIVER
+
BBM
M1
M2
M3
M4
OUT1
OUT2
INPUT
BUFFER
AND
DEGLITCHER
TIMER
AND
PULSE WIDTH
CONTROLLER


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn