Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SIP42104 Datasheet(PDF) 10 Page - Vishay Siliconix

Part No. SIP42104
Description  H-Bridge Driver and Pulse Width Controller for Digital Camera Micro Modules
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SIP42104 Datasheet(HTML) 10 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
e
D
NOTES:
1.
All dimensions are in millimeters.
2.
Package outline exclusive of mold flash and metal burr.
3.
Package outline inclusive of plating.
4.
Maximum webbing flash remain 0.075 mm.
C
M
0.10
A
B
b1
A
B
Pin 1
C
e1
b
q (4 )
Package Information
Vishay Siliconix
Document Number: 72067
28-Nov-05
www.vishay.com
1
SC89: 6LEAD (SOT 666)
MILLIMETERS*
INCHES
Dim
Min
Nom
Max
Min
Nom
Max
A
0.56
0.60
0.022
0.024
A3
0.13
0.17
0.18
0.005
0.006
0.007
b
0.17
0.25
0.006
0.010
b1
0.27
0.34
0.011
0.013
D
1.50
1.66
1.70
0.059
0.065
0.067
E
1.50
1.65
1.70
0.059
0.065
0.067
E1
1.10
1.20
1.30
0.043
0.047
0.051
e
0.50 BSC
0.020 BSC
e1
0.20
0.008
L1
0.11
0.19
0.26
0.004
0.007
0.010
L2
0.10
0.23
0.30
0.004
0.009
0.012
L3
0.05
0.10
0.002
0.004
q
8
_
10
_
12
_
8
_
10
_
12
_
ECN: S-52444—Rev. D, 28-Nov-05
DWG: 5891
*Use millimeters as the primary measurement


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn