Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP32413DNP-T1-GE4 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIP32413DNP-T1-GE4
Description  Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32413DNP-T1-GE4 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIP32413DNP-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix SIP32413DNP-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix SIP32413DNP-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix SIP32413DNP-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix SIP32413DNP-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix SIP32413DNP-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix SIP32413DNP-T1-GE4 Datasheet HTML 10Page - Vishay Siliconix SIP32413DNP-T1-GE4 Datasheet HTML 11Page - Vishay Siliconix SIP32413DNP-T1-GE4 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.vishay.com
8
Document Number: 71437
S11-0366-Rev. A, 07-Mar-11
Vishay Siliconix
SiP32413, SiP32414
Figure 23 - SiP32413 Channel 1 Switching
(VIN = 5 V, RL = 10 Ω)
Figure 25 - SiP32413 Channel 2 and SiP32414 Switching
(VIN = 3.6 V, RL = 7.2 Ω)
Figure 27 - SiP32413 Channel 2 and SiP32414 Switching
(VIN = 5 V, RL = 10 Ω)
V
CNTRL
(2 V/div.)
I
OUT (200 mA/div.)
Time (100 µs/div.)
R
L = 10 Ω
C
L = 0.1 µF
V
OUT (2 V/div.)
V
CNTRL
(2 V/div.)
V
OUT (1 V/div.)
I
OUT (200 mA/div.)
Time (100 µs/div.)
R
L = 7.2 Ω
C
L = 0.1 µF
V
CNTRL
(2 V/div.)
I
OUT (200 mA/div.)
Time (100 µs/div.)
R
L = 10 Ω
C
L = 0.1 µF
V
OUT (2 V/div.)
Figure 24 - SiP32413 Channel 1 Turn-Off
(VIN = 5 V, RL = 10 Ω)
Figure 26 - SiP32413 Channel 2 and SiP32414 Turn-Off
(VIN = 3.6 V, RL = 7.2 Ω)
Figure 28 - SiP32413 Channel 2 and SiP32414 Turn-Off
(VIN = 5 V, RL = 10 Ω)
V
CNTRL (2 V/div.)
I
OUT (200 mA/div.)
Time (1 µs/div.)
R
L = 10 Ω
C
L = 0.1 µF
V
OUT (2 V/div.)
V
CNTRL (2 V/div.)
I
OUT (200 mA/div.)
Time (1 µs/div.)
R
L = 7.2 Ω
C
L = 0.1 µF
V
OUT (1 V/div.)
V
CNTRL (2 V/div.)
I
OUT (200 mA/div.)
Time (1 µs/div.)
R
L = 10 Ω
C
L = 0.1 µF
V
OUT (2 V/div.)


Similar Part No. - SIP32413DNP-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32413DNP-T1-GE4 VISHAY-SIP32413DNP-T1-GE4 Datasheet
406Kb / 13P
   Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
Rev. B, 19-Dec-11
SIP32413DNP-T1-GE4 VISHAY-SIP32413DNP-T1-GE4 Datasheet
436Kb / 14P
   Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
01-Jan-2022
More results

Similar Description - SIP32413DNP-T1-GE4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32413 VISHAY-SIP32413_V01 Datasheet
436Kb / 14P
   Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
01-Jan-2022
SIP32413 VISHAY-SIP32413_12 Datasheet
406Kb / 13P
   Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
Rev. B, 19-Dec-11
SIP32411 VISHAY-SIP32411_V01 Datasheet
468Kb / 15P
   2 A, 1.2 V, Slew Rate Controlled Load Switch
01-Jan-2022
SIP32411 VISHAY-SIP32411 Datasheet
440Kb / 13P
   2 A, 1.2 V, Slew Rate Controlled Load Switch
Rev. E, 22-Aug-11
SIP4282 VISHAY-SIP4282_V01 Datasheet
428Kb / 13P
   1.2 A Slew Rate Controlled Load Switch
01-Jan-2022
logo
SiGe Semiconductor, Inc...
AATIAN75 SIGE-AATIAN75 Datasheet
662Kb / 8P
   Dual Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5283 GMT-G5283 Datasheet
83Kb / 1P
   Dual Slew Rate Controlled Load Switch
logo
SiGe Semiconductor, Inc...
AATIAN76 SIGE-AATIAN76 Datasheet
325Kb / 8P
   Dual Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4252A ANALOGICTECH-AAT4252A Datasheet
664Kb / 14P
   Dual Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A Datasheet
552Kb / 14P
   Dual Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com