Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB835 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BB835
Description  Silicon Tuning Diode (Extended frequency range up to 2.8 Ghz ; special design for use in TV-sat indoor units)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BB835 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semiconductor Group
1
04.96
Type
Marking
Ordering Code
(tape and reel)
Pin Configuration
Package
12
BB 835
yellow X
Q62702-B802
C
A
SOD-323
Maximum Ratings
Parameter
Symbol
Values
Unit
Reverse voltage
V
R
30
V
Reverse voltage
(
R
≥ 5kΩ)
V
RM
35
V
Forward current
I
F
20
mA
Operating temperature range
T
OP
– 55… +150
°C
Storage temperature range
T
stg
– 55… +150
°C
Thermal Resistance
Junction - ambient 1)
R
th JA
≤ 450
K/W
1)
For detailed informatioon see chapter Package Outline
Silicon Tuning Diode
Preliminary data
BB 835
Features
q
Extended frequency range up to 2.8 Ghz ;
special design for use in TV-sat indoor units
q
High capacitance ratio


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BB837Silicon Tuning Diode Extented frequency range up to 2.8 GHz special design for use in TV-sat indoor units 1 2 3 Siemens Semiconductor Group
BB831Silicon Variable Capacitance Diode Frequency range up to 2 GHz special design for use in TV-sat indoor units 1 2 3 Siemens Semiconductor Group
BB833Silicon Tuning Diode Extented frequency range up to 2.5 GHz; special design for use in TV-SAT indoor units 1 2 Siemens Semiconductor Group
BB811Silicon Variable Capacitance Diode Frequency range up to 2 GHz; special design for use in TV-sat indoor units 1 2 Siemens Semiconductor Group
BB814Silicon Variable Capacitance Diode For FM radio tuners with extended frequency band High tuning ratio at low supply voltage car radio 1 2 3 Siemens Semiconductor Group
BB619Silicon Variable Capacitance Diode For tuning of extended frequency bands in VHF TV/VTR tuners 1 2 Siemens Semiconductor Group
BB914Silicon Variable Capacitance Diode For FM radio tuner with extended frequency band High tuning ratio low supply voltage car radio 1 2 3 Siemens Semiconductor Group
BB619CSilicon Variable Capacitance Diode For tuning of extended frequency band in VHF TV/ VTR tuners 1 2 3 Siemens Semiconductor Group
BB639Silicon Variable Capacitance Diode For tuning of extended frequency bands in VHF TV/VTR tuners 1 2 3 Siemens Semiconductor Group
BB639CSilicon Variable Capacitance Diode For tuning of extended frequency band in VHF TV / VTR tuners 1 2 3 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn