Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB833 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. BB833
Description  Silicon Tuning Diode (Extented frequency range up to 2.5 GHz; special design for use in TV-SAT indoor units)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

BB833 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semiconductor Group
1
04.96
Silicon Tuning Diode
BB 833
Features
q
Extented frequency range up to 2.5 GHz;
special design for use in TV-SAT indoor units
q
High capacitance ratio
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package
Pin Configuration
12
BB 833
Q62702-B628
white X
SOD-323
C
A
VRM
Reverse voltage (R
≥ 5kΩ)35
Parameter
Symbol
Values
Unit
Reverse voltage
VR
30
V
Forward current
IF
20
mA
Operating temperature range
Top
– 55 … + 150
˚C
Storage temperature range
Tstg
– 55 … + 150
Thermal Resistance
Junction - ambient
Rth JA
450
K/W


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BB837Silicon Tuning Diode Extented frequency range up to 2.8 GHz special design for use in TV-sat indoor units 1 2 3 Siemens Semiconductor Group
BB811Silicon Variable Capacitance Diode Frequency range up to 2 GHz; special design for use in TV-sat indoor units 1 2 Siemens Semiconductor Group
BB835Silicon Tuning Diode Extended frequency range up to 2.8 Ghz ; special design for use in TV-sat indoor units 1 2 Siemens Semiconductor Group
BB831Silicon Variable Capacitance Diode Frequency range up to 2 GHz special design for use in TV-sat indoor units 1 2 3 Siemens Semiconductor Group
BAR80Silicon RF Switching Diode Design for use in shunt configuration Hight shunt signal isolation Low shunt insertion loss 1 2 3 4 Siemens Semiconductor Group
BAR81Preliminary data Silicon RF Switching Diode Design for use in shunt configuration High shunt signal isolation Low shunt insertion loss 1 2 3 Siemens Semiconductor Group
BAR81WSilicon RF Switching Diode Preliminary data Design for use in shunt configuration High shunt signal isolation Low shunt insertion loss 1 2 3 4 Siemens Semiconductor Group
BAR64-02WSilicon PIN Diode High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz 1 2 3 4 Siemens Semiconductor Group
BB512Silicon Variable Capacitance Diode For AM tuning applications Specified tuning range 1 8 V 1 2 3 Siemens Semiconductor Group
BAR64-WSilicon PIN Diode High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz 1 2 3 4 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn