Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP12101DH-T1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP12101DH-T1
Description  High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12101DH-T1 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP12101DH-T1 Datasheet HTML 1Page - Vishay Siliconix SIP12101DH-T1 Datasheet HTML 2Page - Vishay Siliconix SIP12101DH-T1 Datasheet HTML 3Page - Vishay Siliconix SIP12101DH-T1 Datasheet HTML 4Page - Vishay Siliconix SIP12101DH-T1 Datasheet HTML 5Page - Vishay Siliconix SIP12101DH-T1 Datasheet HTML 6Page - Vishay Siliconix SIP12101DH-T1 Datasheet HTML 7Page - Vishay Siliconix SIP12101DH-T1 Datasheet HTML 8Page - Vishay Siliconix SIP12101DH-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 73057
S09-1453-Rev. B, 03-Aug-09
www.vishay.com
3
Vishay Siliconix
SiP12101
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
b. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
c. Guaranteed by design.
d. Settling times, ts, apply after ten.
e. Bypass is a device mode of operation, in which, the device is in 100 % duty cycle.
PIN CONFIGURATION
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
- 40 °C to 85 °C, VIN = VDD, CIN = 10 µF, COUT = 4.7 µF
L = 2.2 µH, 2.6 V
≤ V
IN ≤ 5.5 V, R1 = 11.3 kΩ, R2 = 20 kΩ
Limits
Unit
Min.a
Typ.b
Max.a
Converter Operation
Maximum Output Current
ILOAD
VIN = 3.6 V
600
mA
Dropout Voltagee
VDD
VIN = 2.6 V, IOUT = 600 mA
190
300
mV
Closed Loop Bandwidth
BW
300
kHz
Load Regulationc
VIN = 3.6 V, VOUT = 1.9 V at 25 °C
IOUT = 30 mA to 600 mA
0.5
%
Line Regulation
VOUT = 3.0 V, VIN = 3.5 V to 5.5 V
± 0.1
%/V
Maximum Inductor Peak Current
Limit
ILpk
1500
mA
On Resistance - P-Channel and
N-Channel
RDS(on)
VIN = 3.6 V
250
m
Ω
250
Output Ripple Voltage
0.05
Ω C
OUT(ESR)
IOUT = 600 mA
60
mVp-p
Efficiency
VIN = 3.6 V, VOUT = 3.3 V
IOUT = 600 mA
90
%
Frequency
IOUT ≥ 30 mA
20
kHz
Supply Current
Input Supply Current
ISUPPLY
(VDD & VIN)
IOUT = 0 mA, VIN = 3.6 V, (not switching, FB = GND)
450
750
µA
Shutdown Supply Current
ISD
SD = Low
2
Thermal Shutdown
Thermal Shutdown Temperaturec
TJ(S/D)
165
°C
Thermal Hysteresisc
20
10
LX
PGND
FB
AGND
MSOP-10
AGND
VIN
1
2
3
9
8
REF
VDD
Top View
56
VDD
SD
47


Similar Part No. - SIP12101DH-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12107 VISHAY-SIP12107 Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
SIP12107 VISHAY-SIP12107 Datasheet
911Kb / 20P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12107 VISHAY-SIP12107 Datasheet
4Mb / 12P
   microBUCK® Highly Integrated Synchronous Buck Regulators
SIP12107DB VISHAY-SIP12107DB Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
SIP12107DB VISHAY-SIP12107DB Datasheet
911Kb / 20P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
More results

Similar Description - SIP12101DH-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9176 VISHAY-SI9176 Datasheet
328Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9175 VISHAY-SI9175_04 Datasheet
289Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
SI9176 VISHAY-SI9176_04 Datasheet
288Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
SI9174 VISHAY-SI9174 Datasheet
296Kb / 17P
   High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
Rev. C, 14-jun-04
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com