Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP4613A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP4613A
Description  Protected 1-A High-Side Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4613A Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP4613A Datasheet HTML 1Page - Vishay Siliconix SIP4613A Datasheet HTML 2Page - Vishay Siliconix SIP4613A Datasheet HTML 3Page - Vishay Siliconix SIP4613A Datasheet HTML 4Page - Vishay Siliconix SIP4613A Datasheet HTML 5Page - Vishay Siliconix SIP4613A Datasheet HTML 6Page - Vishay Siliconix SIP4613A Datasheet HTML 7Page - Vishay Siliconix SIP4613A Datasheet HTML 8Page - Vishay Siliconix SIP4613A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
SiP4613A, SiP4613B
Document Number: 69998
S-82461-Rev. B, 06-Oct-08
www.vishay.com
1
Protected 1-A High-Side Load Switch
DESCRIPTION
SiP4613A, SiP4613B is a protected highside power switch.
It is designed to operate from voltages ranging from 2.4 V to
5.5 V and handle a continuous current of 1 A. The user
settable current limit protects the input supply voltage from
excessive load currents that might cause a system failure.
SiP4613A, SiP4613B has a low shutdown supply current,
which is reduced to less than 1 µA. A flag output CL is
available to indicate fault conditions such as output short
and thermal protection.
In addition to current limit, the SiP4613A, SiP4613B is
protected by undervoltage lockout and thermal shutdown.
The SiP4613A, SiP4613B is available in a lead (Pb)-free
6-pin PowerPAK® TSC75-6 for operation over the industrial
temperature range of - 40 °C to 85 °C.
FEATURES
1 A continuous output current
2.4 V to 5.5 V supply voltage range
User settable current limit level
Low quiescent current
Undervoltage lockout
Thermal shutdown protection
4 kV ESD rating-HBM
APPLICATIONS
Peripheral ports
•Hot swap
Notebook computers
PDAs
TYPICAL APPLICATION CIRCUIT
2.4 V to 5.5 V
Enable
CL
GND
GND
Load
IN
CL
ON/ON
GND
SET
OUT
SiP4613A
SiP4613B
CIN
1 µF
5K
RSET
COUT
0.47 µF
RCL
RoHS
COMPLIANT


Similar Part No. - SIP4613A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP4613A VISHAY-SIP4613A Datasheet
491Kb / 10P
   Protected 1-A High-Side Load Switch
01-Jan-2022
SIP4613ADVP-T1-E3 VISHAY-SIP4613ADVP-T1-E3 Datasheet
491Kb / 10P
   Protected 1-A High-Side Load Switch
01-Jan-2022
More results

Similar Description - SIP4613A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP4612A VISHAY-SIP4612A_V01 Datasheet
404Kb / 10P
   Protected 1-A High-Side Load Switch
01-Jan-2022
SIP4612A VISHAY-SIP4612A Datasheet
376Kb / 10P
   Protected 1-A High-Side Load Switch
Rev. B, 24-Apr-08
SIP4610A VISHAY-SIP4610A Datasheet
748Kb / 9P
   Protected 1-A High-Side Load Switch
Rev. J, 21-May-07
SIP4613B VISHAY-SIP4613B Datasheet
491Kb / 10P
   Protected 1-A High-Side Load Switch
01-Jan-2022
logo
International Rectifier
AUIR33402S IRF-AUIR33402S_15 Datasheet
512Kb / 17P
   PROTECTED HIGH SIDE SWITCH
IPS7071GPBF IRF-IPS7071GPBF Datasheet
370Kb / 8P
   PROTECTED HIGH SIDE SWITCH
logo
Analog Devices
ADP198 AD-ADP198 Datasheet
419Kb / 16P
   Logic Controlled, 1 A, High-Side Load
REV. D
logo
Torex Semiconductor
XC8101 TOREX-XC8101_15 Datasheet
705Kb / 37P
   High Side Load Switch
logo
International Rectifier
AUIR3330S IRF-AUIR3330S_15 Datasheet
1Mb / 30P
   PROTECTED HIGH FREQUENCY HIGH SIDE SWITCH
logo
Micrel Semiconductor
MIC94161 MICREL-MIC94161 Datasheet
742Kb / 12P
   3A High-Side Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com