Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP4610BDT-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP4610BDT-T1-E3
Description  Protected 1-A High-Side Load Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4610BDT-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP4610BDT-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SIP4610BDT-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SIP4610BDT-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SIP4610BDT-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SIP4610BDT-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SIP4610BDT-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SIP4610BDT-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SIP4610BDT-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SIP4610BDT-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 73233
S-71061–Rev. J, 21-May-07
Vishay Siliconix
SiP4610A/B
Notes:
a. Derate 5.5 mW/°C above TA = 70 °C.
b. Device mounted with all leads soldered or welded to PC board.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum ( - 40 to 85 °C).
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c. Guaranteed by design.
ABSOLUTE MAXIMUM RATINGS (All voltages referenced to GND = 0 V)
Parameter
Limit
Unit
VIN, VON, VON
- 0.3 to 6
V
IMAX
2A
Storage Temperature
- 65 to 150
°C
Operating Junction Temperature
- 40 to 150
°C
Power Dissipationa, SOT-23 5-Pin
305
mW
Thermal Impedance (
Θ
JA)
b
, SOT-23 5-Pin
180
°C/W
RECOMMENDED OPERATING RANGE (All voltages referenced to GND = 0 V)
Parameter
Limit
Unit
IN
2.4 to 5.5
V
Operating Temperature Range
- 40 to 85
°C
SPECIFICATIONSa
Parameter
Symbol
Test Conditions Unless Specified
IN = 5 V, TA = - 40 to 85 °C
Limits
Mina
Typb
Maxa
Unit
Power Supplies
Supply Voltage
VIN
2.4
5.5
V
Quiescent Current
IQ
IN = 5 V, ON/ON = Active, lOUT = 0 A
925
µA
Shutdown Current
ISD
IN = 5 V, ON/ON = Inactive
1
Switch Off Current
IS(off)
IN = 5 V, ON/ON = Inactive, VOUT = 0 V
1
Enable Inputs
ON/ON High
VIH
IN = 2.4 V to 5.5 V
2.0
V
ON/ON Low
VIL
0.8
ON/ON Leakage Current
ILH
ON/ON = 5 V
1µA
Turn Off Time
tOFF
IN = 5 V, RL = 10 Ω
11
21
µs
Turn On Time
tON
65
200
Output
On-Resistance
rDS
IN = 5 V, TA = 25 °C
145
180
m
Ω
IN = 3 V, TA = 25 °C
190
230
Current Limit
IL
RSET = 6.8 kΩ
0.75
1
1.25
A
Minimum Current Limit
IL(min)
130
mA
Current Limit Response Time
tRESP
IN = 5 V
4
µs
Undervoltage Lockout
UVLO Threshold
VUVLO
Rising Edge
1.8
2.4
V
UVLO Hysteresis
V
HYST
0.05
Thermal Shutdown
Thermal Shutdown Threshold
T
165
°C
Hysteresis
THYST
20


Similar Part No. - SIP4610BDT-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP4612A VISHAY-SIP4612A Datasheet
376Kb / 10P
   Protected 1-A High-Side Load Switch
Rev. B, 24-Apr-08
SIP4612A/B VISHAY-SIP4612A/B Datasheet
404Kb / 10P
   Protected 1-A High-Side Load Switch
01-Jan-2022
SIP4612ADVP-T1-E3 VISHAY-SIP4612ADVP-T1-E3 Datasheet
376Kb / 10P
   Protected 1-A High-Side Load Switch
Rev. B, 24-Apr-08
SIP4612ADVP-T1-E3 VISHAY-SIP4612ADVP-T1-E3 Datasheet
404Kb / 10P
   Protected 1-A High-Side Load Switch
01-Jan-2022
SIP4612A VISHAY-SIP4612A_V01 Datasheet
404Kb / 10P
   Protected 1-A High-Side Load Switch
01-Jan-2022
More results

Similar Description - SIP4610BDT-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP4613A VISHAY-SIP4613A Datasheet
510Kb / 10P
   Protected 1-A High-Side Load Switch
Rev. B, 06-Oct-08
SIP4612A VISHAY-SIP4612A_V01 Datasheet
404Kb / 10P
   Protected 1-A High-Side Load Switch
01-Jan-2022
SIP4612A VISHAY-SIP4612A Datasheet
376Kb / 10P
   Protected 1-A High-Side Load Switch
Rev. B, 24-Apr-08
SIP4613B VISHAY-SIP4613B Datasheet
491Kb / 10P
   Protected 1-A High-Side Load Switch
01-Jan-2022
logo
International Rectifier
AUIR33402S IRF-AUIR33402S_15 Datasheet
512Kb / 17P
   PROTECTED HIGH SIDE SWITCH
IPS7071GPBF IRF-IPS7071GPBF Datasheet
370Kb / 8P
   PROTECTED HIGH SIDE SWITCH
logo
Analog Devices
ADP198 AD-ADP198 Datasheet
419Kb / 16P
   Logic Controlled, 1 A, High-Side Load
REV. D
logo
Torex Semiconductor
XC8101 TOREX-XC8101_15 Datasheet
705Kb / 37P
   High Side Load Switch
logo
International Rectifier
AUIR3330S IRF-AUIR3330S_15 Datasheet
1Mb / 30P
   PROTECTED HIGH FREQUENCY HIGH SIDE SWITCH
logo
Micrel Semiconductor
MIC94161 MICREL-MIC94161 Datasheet
742Kb / 12P
   3A High-Side Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com