Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BB814 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. BB814
Description  Silicon Variable Capacitance Diode (For FM radio tuners with extended frequency band High tuning ratio at low supply voltage (car radio)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BB814 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BB814 Datasheet HTML 1Page - Siemens Semiconductor Group BB814 Datasheet HTML 2Page - Siemens Semiconductor Group BB814 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Semiconductor Group
2
BB 814
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Parameter
Symbol
min.
typ.
Unit
Values
max.
Reverse current
VR = 16 V
VR = 16 V, TA = 60 ˚C
IR
nA
20
200
Diode capacitance
f = 1 MHz1)
VR =
2 V
VR =
8 V
CT
pF
43
19.1
44.75
20.8
46.5
22.7
Capacitance ratio
VR = 2 V, 8 V, f = 1 MHz
CT2
CT8
2.05
2.15
2.25
Capacitance matching
VR = 2 V, 8 V
CT
CT
%
––
3
1)
Capacitance groups, coded 1, 2
Code
CT (2 V)
CT (8 V)
1
43
… 45
19.1
… 21.95
2
44.5
… 46.5
19.75 … 22.7
DC Characteristics
Series resistance
VR = 2 V, f = 100 MHz
Q factor
VR = 2 V, f = 100 MHz
r
S
Q
0.18
200
pF
pF
Unit


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BB914Silicon Variable Capacitance Diode For FM radio tuner with extended frequency band High tuning ratio low supply voltage car radio 1 2 3 Siemens Semiconductor Group
BB619CSilicon Variable Capacitance Diode For tuning of extended frequency band in VHF TV/ VTR tuners 1 2 3 Siemens Semiconductor Group
BB639CSilicon Variable Capacitance Diode For tuning of extended frequency band in VHF TV / VTR tuners 1 2 3 Siemens Semiconductor Group
BB619Silicon Variable Capacitance Diode For tuning of extended frequency bands in VHF TV/VTR tuners 1 2 Siemens Semiconductor Group
BB639Silicon Variable Capacitance Diode For tuning of extended frequency bands in VHF TV/VTR tuners 1 2 3 Siemens Semiconductor Group
BB641Silicon Variable Capacitance Diode For VHF Hyperband TV/TR tuners High capacitance ratio Low series resistance 1 2 3 Siemens Semiconductor Group
BB515Silicon Variable Capacitance Diode For UHF and VHF TV/VTR tuners Large capacitance ratio Low series resistance 1 2 Siemens Semiconductor Group
BB535Silicon Variable Capacitance Diode For UHF and TV/TR tuners Large capacitance ratio low series resistance 1 2 3 4 Siemens Semiconductor Group
BB545Silicon Tuning Diode For tuning UHF and VHF TV Tuners Large capacitance ratio low series resistance 1 2 3 Siemens Semiconductor Group
BB555Silicon Tuning Diode For UHF-TV-tuners High capacitance ratio Low series inductance 1 2 3 4 Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn