Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIE876DF-T1-GE3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIE876DF-T1-GE3
Description  N-Channel 60-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIE876DF-T1-GE3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIE876DF-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SIE876DF-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SIE876DF-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SIE876DF-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SIE876DF-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SIE876DF-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SIE876DF-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SIE876DF-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SIE876DF-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
Document Number: 72945
2
Revision: 11-Aug-08
Package Information
Vishay Siliconix
Notes
Millimeters govern over inches.
MILLIMETERS
INCHES
DIM
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.75
0.80
0.85
0.030
0.031
0.033
A1
0.00
-
0.05
0.000
-
0.002
b1
0.48
0.58
0.68
0.019
0.023
0.027
b2
0.41
0.51
0.61
0.016
0.020
0.024
b3
2.19
2.29
2.39
0.086
0.090
0.094
b4
0.89
1.04
1.19
0.035
0.041
0.047
b5
0.23
0.33
0.43
0.009
0.013
0.017
c
0.20
0.25
0.30
0.008
0.010
0.012
D
6.00
6.15
6.30
0.236
0.242
0.248
D1
5.74
5.89
6.04
0.226
0.232
0.238
E
5.01
5.16
5.31
0.197
0.203
0.209
E1
4.75
4.90
5.05
0.187
0.193
0.199
H1
0.23
-
-
0.009
-
-
H2
0.45
-
0.56
0.018
-
0.022
H3
0.31
0.41
0.51
0.012
0.016
0.020
H4
0.45
-
0.56
0.018
-
0.022
K1
4.22
4.37
4.52
0.166
0.172
0.178
K2
1.08
1.13
1.18
0.043
0.044
0.046
K3
1.37
-
-
0.054
-
-
K4
0.24
-
-
0.009
-
-
M1
4.30
4.50
4.70
0.169
0.177
0.185
M2
3.43
3.58
3.73
0.135
0.141
0.147
M3
0.22
-
-
0.009
-
-
M4
0.05
-
-
0.002
-
-
P1
0.15
0.20
0.25
0.006
0.008
0.010
T1
3.48
3.64
4.10
0.137
0.143
0.161
T2
0.56
0.76
0.95
0.022
0.030
0.037
T3
1.20
-
-
0.047
-
-
T4
3.90
-
-
0.153
-
-
T5
0
0.18
0.36
0.000
0.007
0.014
θ
10°
12°
10°
12°
ECN: T-08441-Rev. C, 11-Aug-08
DWG: 5946


Similar Part No. - SIE876DF-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIE874DF VISHAY-SIE874DF Datasheet
119Kb / 7P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Oct-09
SIE874DF-T1-GE3 VISHAY-SIE874DF-T1-GE3 Datasheet
119Kb / 7P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Oct-09
SIE878DF VISHAY-SIE878DF Datasheet
188Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 05-Oct-09
logo
Vishay Telefunken
SIE878DF TFUNK-SIE878DF Datasheet
188Kb / 10P
   N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SIE878DF-T1-GE3 VISHAY-SIE878DF-T1-GE3 Datasheet
188Kb / 10P
   N-Channel 25-V (D-S) MOSFET
Rev. A, 05-Oct-09
More results

Similar Description - SIE876DF-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com