Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIE860DF-T1-E3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIE860DF-T1-E3
Description  N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIE860DF-T1-E3 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SIE860DF-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SIE860DF-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SIE860DF-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SIE860DF-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SIE860DF-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SIE860DF-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SIE860DF-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SIE860DF-T1-E3 Datasheet HTML 9Page - Vishay Siliconix SIE860DF-T1-E3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 68796
www.vishay.com
Revision: 11-Aug-08
1
Package Information
Vishay Siliconix
POLARPAK™ OPTION M
DETAIL Z
A
View A
(Top View)
View A
0.584
0.332
0.203
0.254
c
A
θ
D
D1
M4
M1
M4
M3
M2
M3
b5
b5
b5
P1
P1
H1
b1
H4
b3
b4
b4
b1
b1
H1
H2
H3


Similar Part No. - SIE860DF-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIE860DF VISHAY-SIE860DF Datasheet
112Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 27-Oct-08
More results

Similar Description - SIE860DF-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com