Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIE848DF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIE848DF
Description  N-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIE848DF Datasheet(HTML) 1 Page - Vishay Siliconix

  SIE848DF_09 Datasheet HTML 1Page - Vishay Siliconix SIE848DF_09 Datasheet HTML 2Page - Vishay Siliconix SIE848DF_09 Datasheet HTML 3Page - Vishay Siliconix SIE848DF_09 Datasheet HTML 4Page - Vishay Siliconix SIE848DF_09 Datasheet HTML 5Page - Vishay Siliconix SIE848DF_09 Datasheet HTML 6Page - Vishay Siliconix SIE848DF_09 Datasheet HTML 7Page - Vishay Siliconix SIE848DF_09 Datasheet HTML 8Page - Vishay Siliconix SIE848DF_09 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
SiE848DF
New Product
Document Number: 68821
S09-1338-Rev. B, 13-Jul-09
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Gen III Power MOSFET
Ultra Low Thermal Resistance Using Top-
Exposed PolarPAK® Package for Double-
Sided Cooling
Leadframe-Based New Encapsulated Package
- Die Not Exposed
- Same Layout Regardless of Die Size
Low Qgd/Qgs Ratio Helps Prevent Shoot-Through
100 % Rg and UIS Tested
Compliant to RoHS directive 2002/95/EC
APPLICATIONS
•VRM
DC/DC Conversion: Low-Side
Synchronous Rectification
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
e
ID (A)
a
Qg (Typ.)
Silicon
Limit
Package
Limit
30
0.0016 at VGS = 10 V
211
60
43 nC
0.0022 at VGS = 4.5 V
180
60
Package Drawing
www.vishay.com/doc?72945
Ordering Information: SiE848DF-T1-E3 (Lead (Pb)-free)
SiE848DF-T1-GE3 (Lead (Pb)-free and Halogen-free)
Top View
Bottom View
Top surface is connected to pins 1, 5, 6, and 10
PolarPAK
10
D
S
S
G
D
D
S
S
G
D
1
43
2
5
67
8
9
D
DS
G
D
5
4
3
2
1
6
7
8
9
10
For Related Documents
www.vishay.com/ppg?68821
N-Channel MOSFET
G
D
S
Notes:
a. Package limited is 60 A.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See Solder Profile
(www.vishay.com/doc?73257). The PolarPAK is a leadless package. The end of the lead terminal is exposed copper (not
plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
211 (Silicon Limit)
A
60a (Package Limit)
TC = 70 °C
60a
TA = 25 °C
43b, c
TA = 70 °C
34b, c
Pulsed Drain Current
IDM
100
Continuous Source-Drain Diode Current
TC = 25 °C
IS
60a
TA = 25 °C
4.3b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
50
Avalanche Energy
EAS
125
mJ
Maximum Power Dissipation
TC = 25 °C
PD
125
W
TC = 70 °C
80
TA = 25 °C
5.2b, c
TA = 70 °C
3.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260


Similar Part No. - SIE848DF_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIE848DF VISHAY-SIE848DF Datasheet
113Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 27-Oct-08
More results

Similar Description - SIE848DF_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com