Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F28M35H52C1RFPT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # F28M35H52C1RFPT
Description  Concerto Microcontrollers
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35H52C1RFPT Datasheet(HTML) 3 Page - Texas Instruments

  F28M35H52C1RFPT Datasheet HTML 1Page - Texas Instruments F28M35H52C1RFPT Datasheet HTML 2Page - Texas Instruments F28M35H52C1RFPT Datasheet HTML 3Page - Texas Instruments F28M35H52C1RFPT Datasheet HTML 4Page - Texas Instruments F28M35H52C1RFPT Datasheet HTML 5Page - Texas Instruments F28M35H52C1RFPT Datasheet HTML 6Page - Texas Instruments F28M35H52C1RFPT Datasheet HTML 7Page - Texas Instruments F28M35H52C1RFPT Datasheet HTML 8Page - Texas Instruments F28M35H52C1RFPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
C3
RAM
8 KB
(parity)
C2
RAM
8 KB
(parity)
SECURE
FLASH
512 KB
(ECC)
BOOT
ROM
64 KB
GPIO_MUX1
1.2V
VREG
1.8V
VREG
SECURE
C1
RAM
8 KB
(ECC)
SECURE
C0
RAM
8 KB
(ECC)
AHB BUS
APB BUS
S0 - S7 SHARED RAM (parity)
S0
8 KB
S1
8 KB
S2
8 KB
S3
8 KB
S4
8 KB
S5
8 KB
S6
8 KB
S7
8 KB
MTOC
MSG
RAM
(parity)
2 KB
CTOM
MSG
RAM
(parity)
2 KB
IPC
INTER-PROCESSOR
COMMUNICATIONS
M3 SYSTEM BUS
uDMA BUS
L3
RAM
8 KB
(parity)
L2
RAM
8 KB
(parity)
SECURE
FLASH
512 KB
(ECC)
BOOT
ROM
64 KB
SECURE
L1
RAM
8 KB
(ECC)
SECURE
L0
RAM
8 KB
(ECC)
GPIO_MUX1
M1
RAM
2 KB
(ECC)
M0
RAM
2 KB
(ECC)
C28 MEMORY BUS
C28 DMA BUS
16-BIT
PF2
32-BIT
PF1
32-BIT
PF3
INTER-PROCESSOR
COMMUNICATIONS
M3
BUS
BRIDGE
I-CODE BUS
D-CODE BUS
66 PINS
REGS
ONLY
TEMP
SENS
ADC_1
MODULE
ADC_2
MODULE
4
COMP
INPUTS
16/32-BIT
PF0
ANALOG
SUBSYSTEM
RESETS
NMI
CLOCKS
DEBUG
RESETS
NMI
CLOCKS
DEBUG
4
COMP
INPUTS
10
ADC
INPUTS
6
COMP
OUTPUTS
10
ADC
INPUTS
C28
CPU
C28
FPU
C28
VCU
PIE
C28
DMA
M3
uDMA
M3 CPU
NVIC
MPU
6
COMP-
ARATOR
+ DAC
UNITS
F28M35H20B1, F28M35H20C1
F28M35H22B1, F28M35H22C1, F28M35H32B1, F28M35H32C1
F28M35H50B1, F28M35H50C1, F28M35H52B1, F28M35H52C1
www.ti.com
SPRS742B
– JUNE 2011 – REVISED OCTOBER 2011
1.3
Functional Block Diagram
Figure 1-1. Functional Block Diagram
Copyright
© 2011, Texas Instruments Incorporated
F28M35x ( Concerto
™) MCUs
3
Submit Documentation Feedback


Similar Part No. - F28M35H52C1RFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H52C1RFPT TI1-F28M35H52C1RFPT Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
F28M35H52C1RFPT TI1-F28M35H52C1RFPT Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H52C1RFPT TI1-F28M35H52C1RFPT Datasheet
2Mb / 235P
[Old version datasheet]   Microcontrollers
F28M35H52C1RFPT TI-F28M35H52C1RFPT Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
More results

Similar Description - F28M35H52C1RFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
F28M35H20B1 TI1-F28M35H20B1 Datasheet
336Kb / 32P
[Old version datasheet]   Concerto Microcontrollers Embedded Memory
AUGUST2012
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com